Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7544 Datasheet(PDF) 5 Page - ZP Semiconductor

Part # HT7544
Description  High Driver Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

HT7544 Datasheet(HTML) 5 Page - ZP Semiconductor

  HT7544 Datasheet HTML 1Page - ZP Semiconductor HT7544 Datasheet HTML 2Page - ZP Semiconductor HT7544 Datasheet HTML 3Page - ZP Semiconductor HT7544 Datasheet HTML 4Page - ZP Semiconductor HT7544 Datasheet HTML 5Page - ZP Semiconductor HT7544 Datasheet HTML 6Page - ZP Semiconductor HT7544 Datasheet HTML 7Page - ZP Semiconductor HT7544 Datasheet HTML 8Page - ZP Semiconductor HT7544 Datasheet HTML 9Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HT7536, +3.6V output type
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VIN
Conditions
VOUT
Output Voltage Tolerance 5.6V IOUT=10mA
3.42
3.6
3.78
V
IOUT
Output Current
5.6V
¾
60
100
¾
mA
DVOUT
Load Regulation
5.6V 1mA£IOUT£50mA
¾
60
150
mV
VDIF
Voltage Drop
¾
IOUT=1mA
¾
100
¾
mV
ISS
Current Consumption
5.6V No load
¾
10
20
mA
D
D
V
VV
OUT
IN
OUT
´
Line Regulation
¾
4.6V£VIN£12V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
D
D
V
T
OUT
a
Temperature Coefficient
5.6V IOUT=10mA
0°C<Ta<70°C
¾±0.6
¾
mV/°C
HT7544, +4.4V output type
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VIN
Conditions
VOUT
Output Voltage Tolerance 6.4V IOUT=10mA
4.18
4.4
4.62
V
IOUT
Output Current
6.4V
¾
60
100
¾
mA
DVOUT
Load Regulation
6.4V 1mA£IOUT£50mA
¾
60
150
mV
VDIF
Voltage Drop
¾
IOUT=1mA
¾
100
¾
mV
ISS
Current Consumption
6.4V No load
¾
10
20
mA
D
D
V
VV
OUT
IN
OUT
´
Line Regulation
¾
5.4V£VIN£12V
IOUT=1mA
¾
0.2
¾
%/V
VIN
Input Voltage
¾¾
¾
¾
24
V
D
D
V
T
OUT
a
Temperature Coefficient
6.4V IOUT=10mA
0°C<Ta<70°C
¾±0.7
¾
mV/°C
5 of 9
sales@zpsemi.com
www.zpsemi.com
HT75XX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com