Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7544 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # HT7544
Description  High Driver Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

HT7544 Datasheet(HTML) 1 Page - ZP Semiconductor

  HT7544 Datasheet HTML 1Page - ZP Semiconductor HT7544 Datasheet HTML 2Page - ZP Semiconductor HT7544 Datasheet HTML 3Page - ZP Semiconductor HT7544 Datasheet HTML 4Page - ZP Semiconductor HT7544 Datasheet HTML 5Page - ZP Semiconductor HT7544 Datasheet HTML 6Page - ZP Semiconductor HT7544 Datasheet HTML 7Page - ZP Semiconductor HT7544 Datasheet HTML 8Page - ZP Semiconductor HT7544 Datasheet HTML 9Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
High Driver Regulator
Selection Table
Part No.
Output Voltage
Tolerance
HT7530
3.0V
±5%
HT7533
3.3V
±5%
HT7536
3.6V
±5%
HT7544
4.4V
±5%
HT7550
5.0V
±5%
HT7580
8.0V
±5%
Features
·
Low power consumption
·
Low voltage drop
·
Low temperature coefficient
·
High input voltage (up to 24V)
·
High output current : 100mA (Pd £ 250mW)
·
TO-92 and SOT-89 package
Applications
·
Battery-powered equipment
·
Communication equipment
·
Audio/Video equipment
General Description
The HT75XX series is a set of three-terminal
high current low voltage regulator imple-
mented in CMOS technology. They can deliver
100mA output current and allow an input volt-
age as high as 24V. They are available with sev-
eral fixed output voltages ranging from 3.0V to
8V. CMOS technology ensures low voltage drop
and low quiescent current.
Although designed primarily as fixed voltage
regulators, these devices can be used with ex-
ternal components to obtain variable voltages
and currents.
sales@zpsemi.com
www.zpsemi.com
HT75XX


Similar Part No. - HT7544

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7544 HOLTEK-HT7544 Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
HT7544 HOLTEK-HT7544 Datasheet
85Kb / 4P
100mA Voltage Regulator
November 29, 2002
logo
ARTSCHIP ELECTRONICS CO...
HT7544 ARTSCHIP-HT7544 Datasheet
201Kb / 7P
High Driver Regulator
logo
DONGGUAN YOU FENG WEI E...
HT7544 YFWDIODE-HT7544 Datasheet
2Mb / 8P
Low Dropout Regulators
logo
Holtek Semiconductor In...
HT7544-1 HOLTEK-HT7544-1 Datasheet
129Kb / 14P
100mA Low Power LDO
April 30, 2013
More results

Similar Description - HT7544

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX HOLTEK-HT75XX Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_10 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_12 Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
High Driver Regulator
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
High Driver Regulator
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_17 Datasheet
239Kb / 7P
HIGH DRIVER REGULATOR
logo
Guangdong Kexin Industr...
KA10O1XX KEXIN-KA10O1XX Datasheet
254Kb / 5P
High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT75XX ARTSCHIP-HT75XX Datasheet
201Kb / 7P
High Driver Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com