Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-5EX Datasheet(PDF) 2 Page - Copal Electronics

Part # ST-5EX
Description  SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-5EX Datasheet(HTML) 2 Page - Copal Electronics

  ST-5EX Datasheet HTML 1Page - Copal Electronics ST-5EX Datasheet HTML 2Page - Copal Electronics ST-5EX Datasheet HTML 3Page - Copal Electronics ST-5EX Datasheet HTML 4Page - Copal Electronics ST-5EX Datasheet HTML 5Page - Copal Electronics ST-5EX Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pieces in package
ST-5
SURFACE MOUNT TRIMMERS
※The above part numbers are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
※Taping and magazine specifications are not sold separately and must be purchased in reel or stick units.
■ LIST OF PART NUMBERS
Adjustment
position
Top adjustment
Side
adjustment
Shape of terminal
W (Gull wing)
X (Gull wing)
P (Gull wing)
R (Gull wing)
Form of packaging
Taping (reel)
Magazine (stick)
ST-5ETW
ST-5EMW
ST-5EW
ST-5ETX
ST-5EMX
ST-5EX
ST-5ETP
ST-5EMP
ST-5EP
ST-5ETR
ST-5EMR
ST-5ER
Plastic bag
500 pcs./reel
50 pcs./stick
50 pcs./pack
The products indicated by
A mark are manufactured upon receipt of order basis.
〈Nominal resistance values〉
ΔR/R:Change in total resistance
S.S.
:Setting stability
■ ELECTRICAL CHARACTERISTICS
■ MECHANICAL CHARACTERISTICS
Nominal resistance range
10
Ω ~ 2 MΩ
±10 %
0.25 W (85 °C) 0 W (120 °C)
(B)Linear law
DC200 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
11 turns
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−55 ~ 120 °C
10
Ω ~ 50 Ω : ± 250 10-6/°C maximum
100
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC600 V, 60 s
Approx. 0.35 g
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical turn
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
Mechanical turn
14 turns
20 mN·m {204 gf·cm} maximum
Clutch action
200 cycles
10
Ω ~ 200 Ω [ΔR/R ≦ ± (0.5 Ω +3 %)]
500
Ω ~ 2 MΩ [ΔR/R ≦ ± (0.5 Ω +2 %)]
5 N {0.51 kgf} minimum
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
Operating torque
Mechanical stop
Rotational life
Thrust to shaft
Solderability
Shear (Adhesion)
Substrate bending
Pull-off strength
■ ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Specifications
Thermal shock
−65 ~ 125 °C (0.5 h), 5 cycles
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
Humidity
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 1 %]
Shock
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
Vibration
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
Load life
85 °C, 0.25 W, 1000 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 1 %]
Low temp. operation
−55 °C, 2 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
High temp. exposure
120 °C, 250 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
Immersion seal
85 °C, 60 s
もれ無し
(連続気泡無し)
No leaks (No continuous bubbles)
Soldering heat
[
ΔR/R ≦ 1 %]
Fig. 1
{ }:Reference only
Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Flow : 260
± 3 °C as the temperature in a
pot of molten solder, immersion
from head of terminal to backside
of board, 5 ~ 6 s, two times
maximum
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
手はんだ Manual soldering:350
± 10
°C, 3 ~ 4 s
A10 Ω A20 Ω 50 Ω 100 Ω 200 Ω 500 Ω 1 kΩ
2 k
Ω
5 k
Ω
10 k
Ω 20 kΩ 50 kΩ 100 kΩ 200 kΩ 500 kΩ 1 MΩ 2 MΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com