Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST-5EX Datasheet(PDF) 5 Page - Copal Electronics

Part # ST-5EX
Description  SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-5EX Datasheet(HTML) 5 Page - Copal Electronics

  ST-5EX Datasheet HTML 1Page - Copal Electronics ST-5EX Datasheet HTML 2Page - Copal Electronics ST-5EX Datasheet HTML 3Page - Copal Electronics ST-5EX Datasheet HTML 4Page - Copal Electronics ST-5EX Datasheet HTML 5Page - Copal Electronics ST-5EX Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ST-5ETP/ETR
ST-5ETW/ETX
■ PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-
grams below.
<Taping packaging specifications>
Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
Taping version is boxed with one reel (500 pcs.).
EMBOSSED TAPE DIMENSIONS
REEL DIMENSIONS
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
(Unit: mm)
Empty
Filled
Empty
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
Head
End
17.4
±1
254
±2 (ST-5ETP/ETR)
330
±2 (ST-5ETW/ETX)
21.4
±1
21
±0.8
13
±0.2
2
±0.5
Direction of feed
120.1
40.1
20.1
0.40.1
Installation example
(ST-5EP)
5
Direction of feed
120.1
40.1
20.1
Installation example
(ST-5EW)
0.50.1
8.5
ST-5
SURFACE MOUNT TRIMMERS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com