Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772MA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV772MA
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV772MA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV772MA Datasheet HTML 1Page - National Semiconductor (TI) LMV772MA Datasheet HTML 2Page - National Semiconductor (TI) LMV772MA Datasheet HTML 3Page - National Semiconductor (TI) LMV772MA Datasheet HTML 4Page - National Semiconductor (TI) LMV772MA Datasheet HTML 5Page - National Semiconductor (TI) LMV772MA Datasheet HTML 6Page - National Semiconductor (TI) LMV772MA Datasheet HTML 7Page - National Semiconductor (TI) LMV772MA Datasheet HTML 8Page - National Semiconductor (TI) LMV772MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2.7V AC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5.0V, V − = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
SR
Slew Rate
(Note 12)
1.4
V/µs
GBW
Gain-Bandwidth Product
3.5
MHz
Φ
m
Phase Margin
79
Deg
G
m
Gain Margin
−15
dB
e
n
Input-Referred Voltage Noise
(Flatband)
f = 10kHz
7.5
nV/
e
n
Input-Referred Voltage Noise
(l/f)
f = 100Hz
12.5
nV/
i
n
Input-Referred Current Noise
f = 1kHz
0.001
pA/
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600
Ω,V
IN =1 VPP
0.007
%
5.0V DC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5.0V, V − = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
OS
Input Offset Voltage
LMV771
0.25
0.85
1.0
mV
LMV772/LMV774
0.25
1.0
1.2
TCV
OS
Input Offset Voltage Average
Drift
−0.35
µV/˚C
I
B
Input Bias Current (Note 8)
−0.23
100
pA
I
OS
Input Offset Current (Note 8)
0.017
100
pA
I
S
Supply Current (Per Amplifier)
600
950
960
µA
CMRR
Common Mode Rejection Ratio
0.5
≤ V
CM
≤ 3.5V
80
79
90
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
82
76
90
dB
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
0
4.1
V
A
V
Large Signal Voltage Gain
(Note 9)
R
L = 600
Ω to 2.5V,
V
O = 0.2V to 4.8V, (Note 10)
92
89
100
dB
R
L =2k
Ω to 2.5V,
V
O = 0.2V to 4.8V, (Note 11)
98
95
100
V
O
Output Swing
R
L = 600
Ω to 2.5V
V
IN = ± 100mV, (Note 10)
0.15
0.23
0.112 to
4.9
4.85
4.77
V
R
L =2k
Ω to 2.5V
V
IN = ± 100mV, (Note 11)
0.06
0.07
0.035 to
4.97
4.94
4.93
I
O
Output Short Circuit Current
(Note 8),(Note 14)
Sourcing, V
O =0V
V
IN = 100mV
35
35
75
mA
Sinking, V
O = 2.7V
V
IN = −100mV
35
35
66
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com