Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV772MA Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV772MA
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV772MA Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV772MA Datasheet HTML 1Page - National Semiconductor (TI) LMV772MA Datasheet HTML 2Page - National Semiconductor (TI) LMV772MA Datasheet HTML 3Page - National Semiconductor (TI) LMV772MA Datasheet HTML 4Page - National Semiconductor (TI) LMV772MA Datasheet HTML 5Page - National Semiconductor (TI) LMV772MA Datasheet HTML 6Page - National Semiconductor (TI) LMV772MA Datasheet HTML 7Page - National Semiconductor (TI) LMV772MA Datasheet HTML 8Page - National Semiconductor (TI) LMV772MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5.0V AC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5.0V, V − = 0V, V
CM =V
+/2, V
O =V
+/2 and R
L > 1M
Ω.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
SR
Slew Rate
(Note 12)
1.4
V/µs
GBW
Gain-Bandwidth Product
3.5
MHz
Φ
m
Phase Margin
79
Deg
G
m
Gain Margin
−15
dB
e
n
Input-Referred Voltage Noise
(Flatband)
f = 10kHz
6.5
nV/
e
n
Input-Referred Voltage Noise
(l/f)
f = 100Hz
12
nV/
i
n
Input-Referred Current Noise
f = 1kHz
0.001
pA/
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600
Ω,V
IN =1 VPP
0.007
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 0Ω in series with 20pF.
Note 3: Shorting output to V+ will adversely affect reliability.
Note 4: Shorting output to V− will adversely affect reliability.
Note 5: The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 6: Typical Values represent the most likely parametric norm.
Note 7: All limits are guaranteed by testing or statistical analysis.
Note 8: Limits guaranteed by design.
Note 9: RL is connected to mid-supply. The output voltage is set at 200mV from the rails. VO = GND + 0.2V and VO =V
+ −0.2V
Note 10: For LMV772/LMV774, temperature limits apply to −40˚C to 85˚C.
Note 11: For LMV772/LMV774, temperature limits apply to −40˚C to 85˚C. If RL is relaxed to 10kΩ, then for LMV772/LMV774 temperature limits apply to −40˚C to
125˚C.
Note 12: Connected as voltage follower with 2VPP step input. Number specified is the slower of positive and negative slew rates.
Note 13: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating
of the device such that TJ =TA . No guarantee of parametric performance is indicated in the electrical tables under the conditions of internal self-heating where TJ
> T
A. Absolute Maximum Rating indicated junction temperature limits beyond which the device may be permanently degraded, either mechanically or electrically.
Note 14: Continuous operation of the device with an output short circuit current larger than 35mA may cause permanent damage to the device.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com