Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBH5 Datasheet(PDF) 1 Page - MMD Components

Part # MBH5
Description  RoHS Compliant Available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MBH5 Datasheet(HTML) 1 Page - MMD Components

  MBH5 Datasheet HTML 1Page - MMD Components MBH5 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
02/07/11 J
Subject to change without notice
Pg 1 of 2
Revision:
M
MB
BH
H S
Se
erriie
ess O
Osscciilllla
atto
orr
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
 Industry Standard Package
 RoHS Compliant Available
 Tri-state Function
 Wide Frequency Range
Frequency Range
20.000kHZ to 200.000MHz
Frequency Stability (Inclusive of Temperature, Load,
Voltage and Aging)
See Part Number Guide
Operating Temperature
See Part Number Guide
Storage Temperature
-55°C to +125°C
Waveform
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Duty Cycle
See Part Number Guide
Load
10 TTL Gates or 50pF max
Start Up Time
10mSec max
Rise/Fall Time
Up to 24.000MHz
10 nSec max
24.001MHz to 70.000MHz
6 nSec max
70.001MHz to 100.000MHz
4 nSec max
100.001MHz to 200.000MHz
2 nSec max
Supply Voltage (VDC ±10%)
+5.0
+3.3
+2.5/+1.8
20.000kHz to 24.000MHz
20mA
10mA
NA
24.001MHz to 50.000MHz
30mA
20mA
NA
50.001MHz to 70.000MHz
50mA
25mA
NA
70.001MHz to 200.000MHz
60mA
35mA
NA
24.000MHz to 30.000MHz
NA
NA
20mA
30.001MHz to 80.000MHz
NA
NA
40mA


Similar Part No. - MBH5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBH5000 ETC-MBH5000 Datasheet
703Kb / 2P
Mini Braking High Power Resistors
More results

Similar Description - MBH5

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
LVPECL Terminators RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
LVD SCSI Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
DDR SDRAM Terminator RoHS Compliant Parts Available
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
RoHS Compliant Versions Available
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
RoHS Compliant Available
logo
Micross Components
AS5C512K8 MICROSS-AS5C512K8 Datasheet
719Kb / 19P
RoHS Compliant Options Available
AS5LC1008 MICROSS-AS5LC1008 Datasheet
817Kb / 11P
RoHS compliant options available
logo
TT Electronics.
PWAXIAL TTELEC-PWAXIAL Datasheet
346Kb / 2P
Lead free, RoHS compliant construction available
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
RoHS compliant and Sn/Pb terminations available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com