Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL2 Datasheet(PDF) 2 Page - MMD Components

Part # MIL2
Description  5mm x 7mm 6 Pads Ceramic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MIL2 Datasheet(HTML) 2 Page - MMD Components

  MIL2 Datasheet HTML 1Page - MMD Components MIL2 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
10’24/13 P
Subject to change without notice
Pg 2 of 2
Revision:
PITCH
PITCH
8.00 [.315]
TAPE WIDTH
16.00 [.630]
DIRECTION OF FEED
180[7 IN]
REEL DIA
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
TAPE WIDTH
1000
QTY PER REEL
PIN 1 ORIENT.
Q1
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.10 [.004] mm unless otherwise specified.
4. Do not scale drawing.
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
MI
FREQUENCY
5x7 Ceramic SMD
Blank = Positive Enable
G = Negative Enable
Enable / Disable
Function
Please Consult with MMD Sales Deparment for any other Parameters or Options
Output
L = LVPECL
V = LVDS
3 = +3.3 VDC
Supply Voltage
2 = +2.5 VDC
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
B = 47.5%/52.5%
Pin 1 & 2 Connection
T = Pin 1 - Enable/Disable
Pin 2 - No Connection
N = Pin 1 - No Connection
Pin 2 - Enable/Disable
Packaging
Blank = Bulk
T = Tape and Reel
Blank = Pin 1 and 2 N/C
050 = ±50 ppm
100 = ±100 ppm
Stability
025 = ±25 ppm
Frequency
020 = ±20 ppm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com