Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL2 Datasheet(PDF) 1 Page - MMD Components

Part # MIL2
Description  5mm x 7mm 6 Pads Ceramic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MIL2 Datasheet(HTML) 1 Page - MMD Components

  MIL2 Datasheet HTML 1Page - MMD Components MIL2 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
10’24/13 P
Subject to change without notice
Pg 1 of 2
Revision:
M
MIILL &
& M
MIIV
V S
Se
erriie
ess 5
5X
X7
7 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 5mm x 7mm 6 Pads Ceramic Package
 Negative Enable Available
 Wide Frequency Range
 LVPECL or LVDS Output
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
LVPECL
LVDS
Frequency
19.440 MHz to 1.000GHz
Frequency Stability
(See Part Number Guide for Options)
Aging
±3ppm First Year max
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (Vdd)
+2.5 VDC ±5%
+3.3 VDC ±5%
+2.5 VDC ±5%
+3.3 VDC ±5%
Supply Current
65mA max
80mA max
45mA max
Output Voltage Logic “0” (Vol)
Vdd - 1.620Vdc max
1.43V typ
Output Voltage Logic “1” (Voh)
Vdd - 1.025Vdc min
1.10V typ
Symmetry (at 50% of wave form)
(See Part Number Guide fro Options)
Rise / Fall Time (20% to 80%)
1nSec max
Phase Jitter
1pSec at 12KHz to 20.000MHZ
Load Drive Capacity
50Ω
50Ω
Enable / Disable Function
Positive Enable / Disable
Voh = 70% of Vdd min to Enable Output
Vol = 30% max or grounded to Disable Output (High Impedance)
Negative Enable / Disable
Voh = 70% of Vdd min to Disable Output (High Impedance)
Vol = 30% min or No Connect to Enable Output
(See Part Number Guide for Options)


Similar Part No. - MIL2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MIL2102B02CAD25 ITT-MIL2102B02CAD25 Datasheet
152Kb / 4P
1-4 Pole Miniature Right
MIL2102B02CADF2X125 ITT-MIL2102B02CADF2X125 Datasheet
152Kb / 4P
1-4 Pole Miniature Right
MIL2102B02CADF2X1K025 ITT-MIL2102B02CADF2X1K025 Datasheet
152Kb / 4P
1-4 Pole Miniature Right
MIL2102B02CADF2X1K12025 ITT-MIL2102B02CADF2X1K12025 Datasheet
152Kb / 4P
1-4 Pole Miniature Right
MIL2102B02CADF2X1K3025 ITT-MIL2102B02CADF2X1K3025 Datasheet
152Kb / 4P
1-4 Pole Miniature Right
More results

Similar Description - MIL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI3050H48 ETC1-MI3050H48 Datasheet
317Kb / 2P
5mm X 7mm Ceramic SMD
logo
MMD Components
MVIH MMD-MVIH Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
XSAA1 MMD-XSAA1 Datasheet
74Kb / 1P
2mm X 2.5mm 4 Pads Ceramic Package
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
GSAA1 MMD-GSAA1 Datasheet
93Kb / 1P
5mm X 7mm X 4 Pads Ceramic Package
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
JSAA1 MMD-JSAA1 Datasheet
88Kb / 1P
5mm X 3.2mm X 4 Pads Ceramic Package
MIMH3 MMD-MIMH3 Datasheet
53Kb / 1P
5 x 7 Ceramic SMD 4 Pads Oscillator
logo
LUMEX INC.
OED-HPIRC572L140 LUMEX-OED-HPIRC572L140 Datasheet
74Kb / 1P
5mm X 7mm Right Angle PhotoDiode
logo
HARTING Technology Grou...
09-00-000-5354 HARTING-09-00-000-5354 Datasheet
455Kb / 1P
Kabeldurchf체hrungst체lle 6-7mm
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com