Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIMH3 Datasheet(PDF) 1 Page - MMD Components

Part # MIMH3
Description  5 x 7 Ceramic SMD 4 Pads Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MIMH3 Datasheet(HTML) 1 Page - MMD Components

  MIMH3 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice Revision MIMH081109L
MIMH SERIES – 5 x 7 Ceramic Oscillator
5 x 7 Ceramic SMD 4 Pads Oscillator
Wide Frequency Range
-55°C to +125°C Operation
RoHS Compliant
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.500MHZ to 156.520MHZ
Freq Tolerance @ +25°C
±25ppm
Freq Stability (Inclusive of Temp., Load, Voltage, and Aging)
(See Part Number Guide for Options)
Operating Temp Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Supply Voltage (Vdd)
+3.3 VDC ±5%
+5.0 VDC ±5%
Supply Current
1.500MHZ to 20.000MHZ
12 mA max
20 mA max
21.000MHZ to 50.000MHZ
15 mA max
35 mA max
51.000MHZ and above
40 mA max
60 mA max
Waveform
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Symmetry (50% of wavefrom)
(See Part Number Guide for Options)
Load
5 TTL Gates or 30pF Load max
10 TTL Gates or 50pF Load max
Rise / Fall Time (20% to 80%)
6 nSec max
Start Time
10 mSec max
Tri-state Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS:
MARKING DETAILS:
Shock
MIL-STD 883, Method 2002, Test Condition B
Vibration
MIL-STD 883, Method 2007, Test Condition B
+160°C for 120 sec max
Reflow Solder
+260°C for 10 sec. max
Hermeticity
MIL-STD 883, Method 1014, Test Condition C
Solderability
MIL-STD 883, Method 2003 (No Aging)
Line 1 = MXXXXX
M
=
MMD COMPONENTS
XXXXX
=
Frequency in MHZ
Line 2 = SYYMML
S
=
Internal Code
YYMM
=
4 Digit Date Code (Year / Month)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
MECHANICAL DIMENSIONS:
7.20 [.283]
MAX
5.20 [.205]
MAX
1.70 [.067]
MAX
5.08 [.200]
2.60 [.102]
1.30 [.051]
1.40 [.055]
2.88 [.113]
1.81 [.071]
2.00 [.079]
2.20 [.087]
1
2
34
MARKING
External Bypass Capacitor is Recommended
Dimension in Brackets are in Inches
Recommended Land
Pattern
Pin 1 Tri-state or N/C
Pin 2 Case Ground
Pin 3 Output
Pin 4 Supply Voltage
Pin Connections
PART NUMBERING GUIDE:
5 x 7 SMD 4 PADS
MIM
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
*±25 ppm between -40°C to +85°C only
Operating Temperature
Blank = 0°C to +70°C
48 = -40°C to +85°C
50 = -55°C to +105°C
55 = -55°C to +125°C
H
Frequency
Stability
025 = ±25 ppm*
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
3 = +3.3 VDC
5 = +5.0 VDC
Output
H = HCMOS
Symmetry
Blank = 40/60%
A = 45/55%
Pin 1 Connection
H = Tri-state
Packaging
Blank = Bulk
T = Tape and Reel
Blank = N/C
M = 100% Screening
over Temperature
Blank = No Screening
Special Specs
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MIMH3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIMH MMD-MIMH_12 Datasheet
53Kb / 1P
MIMH SERIES ??5 x 7 Ceramic Oscillator
More results

Similar Description - MIMH3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXC1 VECTRON-VXC1 Datasheet
127Kb / 2P
VXC1 7 x 5 x 1.7mm 4 pads
VXC4 VECTRON-VXC4 Datasheet
128Kb / 2P
VXC4 7 x 5 x 1.1mm 4 pads
logo
MMD Components
MTDS MMD-MTDS Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MIHK MMD-MIHK Datasheet
72Kb / 1P
5 x 7 Ceramic SMD Oscillator
MIH MMD-MIH Datasheet
76Kb / 1P
5 x 7 Ceramic SMD Oscillator
logo
Vectron International, ...
VXC1-1133-26M5625000 VECTRON-VXC1-1133-26M5625000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M000000 VECTRON-VXC1-1134-25M000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
VXC1-1134-25M0000000 VECTRON-VXC1-1134-25M0000000 Datasheet
126Kb / 2P
7 x 5 x 1.7mm 4 pads
logo
MMD Components
MIMH MMD-MIMH_12 Datasheet
53Kb / 1P
MIMH SERIES ??5 x 7 Ceramic Oscillator
logo
ILSI America LLC
ISM16 ILSI-ISM16 Datasheet
178Kb / 2P
1.6 mm x 1.2 mm 4 Pads SMD Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com