Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWC Datasheet(PDF) 2 Page - MMD Components

Part # MWC
Description  CMOS Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MWC Datasheet(HTML) 2 Page - MMD Components

  MWC Datasheet HTML 1Page - MMD Components MWC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Free
Compliant
RoHS
Pb
In the event of conflict, the requirements of this specification shall govern
Revision:
MWC111509A
Specification Subject to change without notice
Page 2 of 2
MECHANICAL DIMENSIONS:
2.10 [.083]
MAX
1.70 [.067]
MAX
0.80 [.031]
MAX
0.70 [.028]
0.50 [.020]
0.60 [.024]
0.50 [.020]
2
34
1
1.50 [.059]
1.00 [.039]
0.75 [.030]
0.65 [.026]
PIN 4
PIN 2
PIN 3
PIN 1
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
SUGGESTED
LAND PATTERN
MXX.XXX
SYYWWL
PIN 1 DESIGNATOR LOCATED
IN THIS AREA
PIN CONNECTIONS
TRI-STATE OR NO CONNECTION
OUTPUT
CASE GROUND
SUPPLY VOLTAGE
ENVIRONMENTAL/MECHANICAL SPECIFICATION:
MARKING DETAIL:
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Reflow Solder
+260ºC for 10 sec max
Line 1 = MXX.XXX
M
=
MMD COMPONENTS
XX.XXX
=
Frequency in MHZ
Line 2 = SYYWWL
S =
Internal Code
YYWW =
4 Digit Date Code (Year / Week)
L =
Denotes RoHS Compliant
Pin 1 Designator
TAPE AND REEL DIMENSIONS:
B0
K0
A0
PITCH
PITCH
4.0
TAPE WIDTH
8.0
DIRECTION OF FEED
180
REEL DIA
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.1 mm unless otherwise specified.
4. Do not scale drawing.
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
TAPE WIDTH
QTY PER REEL
PIN 1 ORIENT.
Q1
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com