Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWC Datasheet(PDF) 1 Page - MMD Components

Part # MWC
Description  CMOS Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MWC Datasheet(HTML) 1 Page - MMD Components

  MWC Datasheet HTML 1Page - MMD Components MWC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Free
Compliant
RoHS
Pb
In the event of conflict, the requirements of this specification shall govern
Revision:
MWC111509A
Specification Subject to change without notice
Page 1 of 2
MWC Series – 2.0 x 1.6 Oscillator Specification
2.0 X 1.6 SMT Package
CMOS Output
Tri-state Option
Tape and Reel Packaging Available
ELECTRICAL SPECIFICATION:
Frequency Range
1.000MHZ to 80.000MHZ
Temperature Stability (Inslusie of Temperature, Load, Voltage,
and Aging)
(See part Number Guide for Options)
Operating Temperature Range
(See part Number Guide for Options)
Storage Temperature Range
-40ºC to +85ºC
Supply Voltage (VDD) ±10%
+1.80 VDC
+2.50 VDC
+3.30 VDC
Supply Current
4 mA max
4 mA max
4 mA max
Output
CMOS
Logic “0”
Less than 10% of Supply Voltage
Logic “1”
Greater than 90% Supply Voltage
Symmetry (50% of waveform)
(See part Number Guide for Options)
Rise and Fall Time (20% to 80% of waveform)
6 nSec
Load
15pF
Start Up Time
10 msec
Tri-state Operation
Voh = 70% of Vdd min or No Connection to Enable Output
Vol = 30% of Vdd max or grounded to Disable Output (High
Impedance)
PART NUMBER GUIDE:
2.0 x 1.6 Ceramic SMD 4 Pads
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
Supply Voltage
2 = +2.50 VDC
3 = +3.30 VDC
Frequency
Stability
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
Pin 1 Connection
Blank = No Connection
H = Tri-state
Packaging
Blank = Bulk
T = Tape and Reel
Output
C = CMOS
1 = +1.80 VDC
C
MW


Similar Part No. - MWC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
MWC ETC-MWC Datasheet
227Kb / 1P
Wet-Type Multiple-Disk EM Clutch
MWC-1.2 ETC-MWC-1.2 Datasheet
227Kb / 1P
Wet-Type Multiple-Disk EM Clutch
MWC-10 ETC-MWC-10 Datasheet
227Kb / 1P
Wet-Type Multiple-Disk EM Clutch
MWC-160 ETC-MWC-160 Datasheet
223Kb / 1P
Wet-Type Multiple-Disk EM Clutch
More results

Similar Description - MWC

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GTQF EUROQUARTZ-GTQF Datasheet
541Kb / 4P
CMOS Output
GTQN EUROQUARTZ-GTQN Datasheet
514Kb / 4P
CMOS Output
logo
Mercury United Electron...
GF42 MERCURY-GF42 Datasheet
102Kb / 1P
SMD CMOS output
GTQF536 MERCURY-GTQF536 Datasheet
144Kb / 1P
SMD CMOS output
GTQF576 MERCURY-GTQF576 Datasheet
141Kb / 1P
SMD CMOS output
GTQN536 MERCURY-GTQN536 Datasheet
144Kb / 1P
SMD CMOS output
GW42 MERCURY-GW42 Datasheet
102Kb / 1P
SMD CMOS output
H53 MERCURY-H53 Datasheet
85Kb / 1P
SMD CMOS output
HB32 MERCURY-HB32 Datasheet
86Kb / 1P
SMD CMOS output
logo
MTRONPTI
M2700 MTRONPTI-M2700 Datasheet
276Kb / 5P
CMOS Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com