Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF0805-FX-R020ELF Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CRF0805-FX-R020ELF
Description  High Power Current Sense Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF0805-FX-R020ELF Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CRF0805-FX-R020ELF_16 Datasheet HTML 1Page - Bourns Electronic Solutions CRF0805-FX-R020ELF_16 Datasheet HTML 2Page - Bourns Electronic Solutions CRF0805-FX-R020ELF_16 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dim.
CRF0805
CRF1206
CRF2512
0.003 ~ 0.020 Ω
0.001 Ω
0.002 ~ 0.030 Ω 0.001 ~ 0.003 Ω 0.004 ~ 0.050 Ω
A
1.4
(0.055)
1.8
(0.070)
1.8
(0.070)
4.0
(0.157)
4.0
(0.157)
B
1.15
(0.045)
2.3
(0.090)
1.7
(0.066)
3.1
(0.122)
2.1
(0.083)
L
1.2
(0.047)
1.0
(0.039)
1.6
(0.062)
1.3
(0.051)
4.1
(0.161)
Dim.
CRF0805
CRF1206
CRF2512
A
2.0 ± 0.10
(0.079 ± 0.004)
3.20 ± 0.20
(0.126 ± 0.008)
6.40 ± 0.20
(0.252 ± 0.008)
B
1.25 ± 0.10
(0.049 ± 0.004)
1.65 ± 0.20
(0.064 ± 0.008)
3.20 ± 0.20
(0.126 ± 0.008)
C
0.40 ± 0.20
(0.016 ± 0.008)
0.50 ± 0.30
(0.0197 ± 0.012)
0.95 ± 0.30
(0.037 ± 0.012)
T
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
0.60 ± 0.20
(0.024 ± 0.008)
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CRFSeries-HighPowerCurrentSenseChipResistor
Code R Value Code
R Value
R011
0.011
R030
0.030
R012
0.012
R033
0.033
R015
0.015
R035
0.035
R018
0.018
R040
0.040
R020
0.020
R050
0.050
R025
0.025
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Construction
Overcoat
Metal Alloy Plate
Ni / Sn
Plating
Derating Curve
Ambient Temperature (°C)
70
170
100
-55
A
B
C
CC
T
C
Recommended Solder Pad Layout
A
B
SENSING TRACE
Cu TRACE
L
Resistance Value Tables
A
B
C
CC
T
C
Code R Value Code
R Value
R003
0.003
R009
0.009
R004
0.004
R010
0.010
R005
0.005
R020
0.020
R009
0.009
Code R Value Code
R Value
R001
0.001
R010
0.010
R002
0.002
R012
0.012
3L50
0.0035
R014
0.014
R004
0.004
R015
0.015
R005
0.005
R020
0.020
R006
0.006
R022
0.022
R007
0.007
R025
0.025
R008
0.008
R030
0.030
R009
0.009
CRF0805
CRF1206
CRF2512 (1W)
Code R Value Code
R Value
R001
0.001
R006
0.006
R002
0.002
R007
0.007
R003
0.003
R008
0.008
R004
0.004
R010
0.010
R005
0.005
CRF2512 (2W)
DIMENSIONS:
MM
(INCHES)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com