Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRF0805-FX-R020ELF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRF0805-FX-R020ELF
Description  High Power Current Sense Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRF0805-FX-R020ELF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRF0805-FX-R020ELF_16 Datasheet HTML 1Page - Bourns Electronic Solutions CRF0805-FX-R020ELF_16 Datasheet HTML 2Page - Bourns Electronic Solutions CRF0805-FX-R020ELF_16 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRFSeries-HighPowerCurrentSenseChipResistor
D0 DIA.
1.5
(0.059)
DIA. MIN.
t
A
P1
P2
P0
B
E
F
W
TOP TAPE
EMBOSSED TAPE
RESISTOR
USER DIRECTION OF FEED
60.0
(2.362)
MIN.
DIA.
DIA.
180 +0/-3
(7.09 +0/-0.118)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
15.4 ± 2.0
(0.606 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
How to Order
CRF 0805 - F X - R020 E LF
Model
(CRF = Precision Chip Resistor)
Size
0805 = 0805 Size
1206 = 1206 Size*
2512 = 2512 Size
Resistance Tolerance
• F = ±1 %
• J = ±5 %
TCR (PPM/°C)
• Z = ±75 PPM/°C
(>0.010 ohm)
• X = ±100 PPM/°C (0.002 ohm ~ 0.010 ohm
& Model CRF 0805 only)
• V = ±275 PPM/°C (0.001 ohm)
Resistance Value Code
(See Resistance Value Tables)
Packaging
• E = 5,000 pcs./180 mm (7-inch) reel (CRF0805 & CRF1206)
or 4,000 pcs./180 mm (7-inch) reel (CRF2512)
Termination
• LF = Tin-plated (RoHS compliant)
* Model CRF1206-xZ-3L50 = ±50 PPM/°C.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Packaging Dimensions (Conforms to EIA RS-481A)
REV.10/27/16
3.60 ± 0.20
(0.142 ± 0.008)
2.0 ± 0.05
(0.079 ± 0.002)
4.0 ± 0.05
(0.157 ± 0.002)
4.0 ± 0.1
(0.157 ± 0.004)
1.5 +0.1/-0
(0.059 +0.004/-0) DIA.
1.5
(0.059)
DIA. MIN.
0.85 ± 0.15
(0.033 ± 0.006)
6.9 ± 0.2
(0.272 ± 0.008)
5.5 ± 0.05
(0.217 ± 0.002)
1.75 ± 0.1
(0.069 ± 0.004)
12.0 ± 0.2
(0.472 ± 0.008)
TOP TAPE
EMBOSSED TAPE
RESISTOR
USER DIRECTION OF FEED
60.0
(2.362)
MIN.
DIA.
DIA.
180 +0/-3
(7.09 +0/-0.118)
13.0 ± 1.0
(0.512 ± 0.039)
DIA.
15.4 ± 2.0
(0.606 ± 0.079)
13.0 ± 1.0
(0.512 ± 0.039)
DIMENSIONS:
MM
(INCHES)
Packing
Model
A
B
W
F
E
P1
P2
P0
D0
t
Paper
Tape
CRF0805
1.6 ± 0.15
(0.063 ± 0.006)
2.4 ± 0.20
(0.094 ± 0.008)
8.0 ± 0.20
(0.315 ± 0.008)
3.5 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
4.0 ± 0.10
(0.157 ± 0.004)
2.0 ± 0.1
(0.079 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
1.5+0.1/-0
(0.059+0.004/-0)
0.84 ± 0.10
(0.033 ± 0.004)
Paper
Tape
CRF1206
2.0 ± 0.15
(0.079 ± 0.006)
3.6 ± 0.20
(0.142 ± 0.008)
8.0 ± 0.20
(0.315 ± 0.008)
3.5 ± 0.05
(0.138 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
4.0 ± 0.10
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
4.0 ± 0.05
(0.157 ± 0.002)
1.5+0.1/-0
(0.059+0.004/-0)
0.85 ± 0.15
(0.033 ± 0.006)
Embossed
Tape
CRF2512
3.60 ± 0.20
(0.142 ± 0.008)
6.9 ± 0.20
(0.272 ± 0.008)
12.0 ± 0.20
(0.472 ± 0.008)
5.5 ± 0.05
(0.217 ± 0.002)
1.75 ± 0.10
(0.069 ± 0.004)
4.0 ± 0.10
(0.157 ± 0.004)
2.0 ± 0.05
(0.079 ± 0.002)
2.0 ± 0.05
(0.079 ± 0.002)
1.5+0.1/-0
(0.059+0.004/-0)
0.85 ± 0.15
(0.033 ± 0.006)
DIMENSIONS:
MM
(INCHES)
Soldering Profile
25
75
125
175
225
275
050
100
150
200
250
300
Time(seconds)
60-120seconds
90-150
seconds
260°Cpeak
190°C
150°C
220°C
RampDown
6°C/second
255°C
Maximumof20secondsbetween
+255°Cand+260°C
RampUp
3°C/secondmaximum
10secondsminimum
<1>
<1>
DIMENSIONS:
MM
(INCHES)
Can be soldered in accordance with IPC/JEDEC-J-STD-020.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com