Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS4J-4026 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CSS4J-4026
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS4J-4026 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CSS4J-4026 Datasheet HTML 1Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 2Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 3Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ModelCSS4J-4026SeriesCurrentSenseResistor
Electrical Characteristics
How to Order
CSS 4J - 4026 R - 1L00 F _
Model
No. of Terminals
& Style
Size
Material Type
(See Part Number Table)
Resistance Code (milliohms)
“L” represents decimal point
(examples: L500 = .500 milliohms;
1L00 = 1.00 milliohms)
Resistance Tolerance
F = ±1 %
J = ±5 %
Packaging size
Blank = Standard 13 ” reel
E = Mini 7 ” reel
Characteristic
Model CSS4J-4026 Series
Resistance Range /
Power Rating @70 °C1 /
Power Rating @130 °C1
CSS4J-4026R-L200x
0.2 mW / 5 W
CSS4J-4026R-L300x
0.3 mW / 5 W
CSS4J-4026R-L500x
0.5 mW / 5 W
CSS4J-4026R-1L00x
1.0 mW / 4 W
CSS4J-4026K-2L00x
2.0 mW / 4 W
CSS4J-4026K-3L00x
3.0 mW / 3 W
Operating Temperature Range
-55 to +170 °C
TCR - Resistive Alloy 2
±50 PPM/°C (20~60 °C)
Temperature Coefficient
CSS4J-4026R-L200x
±150 PPM/°C
CSS4J-4026R-L300x
±100 PPM/°C
CSS4J-4026R-L500x
±100 PPM/°C
CSS4J-4026R-1L00x
±75 PPM/°C
CSS4J-4026K-2L00x
±75 PPM/°C
CSS4J-4026K-3L00x
±75 PPM/°C
Resistance Tolerance
±1 %, ±5 %
Environmental Characteristics
Features
n
EBweldedmetalstrip
n
Veryhighpower
n
Excellentlongtermstability
n
Lowresistance,lowTCR
n
LowthermalEMF
n
RoHScompliant*andhalogenfree**
n
AEC-Q200qualified
Applications
n
Currentsensing
n
Voltagedivision
n
Batterymanagementsystems
n
Powermodules
n
Frequencyconverters
n
Industrial
1 Terminal temperature
2 For full TCR range, refer to TCR curve
Characteristic
Test Condition
D
R Max.
Thermal Shock
-55 to +150 °C / 2000 Cycles
0.50 %
Short Time Overload
5 Times Rated Power for 5 Second Duration
0.50 %
Resistance to Soldering Heat
+260 °C / 10 Seconds
0.50 %
High Temperature Exposure
+170 °C / 2000 Hours
1.00 %
Low Temperature Storage
-65 °C / 24 Hours
0.10 %
Biased Humidity Test
+85 °C, 85 %R.H., 1000 Hours
0.50 %
Moisture Resistance
10 Days with Cold Shock, No Load
0.20 %
Mechanical Shock
100 g, 6 ms half sine
0.20 %
Vibration, High Frequency
20 g, 10-2000 Hz
0.20 %
Load Life
2000 Hours, Max. Load, Terminal Temperature 130 °C
1.00 %
Solderability
J-STD-002
95 % Coverage Min.
ESD
AEC-Q200-002, 25 kV
0.25 %
Board Flex
60 Sec. Min. Holding Time
0.25 %
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Similar Part No. - CSS4J-4026

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS4J-4026 BOURNS-CSS4J-4026 Datasheet
695Kb / 5P
Model CSS4J-4026 Series Current Sense Resistor
REV. 11/21
CSS4J-4026K-2L00F BOURNS-CSS4J-4026K-2L00F Datasheet
352Kb / 2P
Current Sense Resistor
CSS4J-4026K-2L00F BOURNS-CSS4J-4026K-2L00F Datasheet
695Kb / 5P
Model CSS4J-4026 Series Current Sense Resistor
REV. 11/21
CSS4J-4026K-2L00FE BOURNS-CSS4J-4026K-2L00FE Datasheet
695Kb / 5P
Model CSS4J-4026 Series Current Sense Resistor
REV. 11/21
CSS4J-4026K-2L00J BOURNS-CSS4J-4026K-2L00J Datasheet
352Kb / 2P
Current Sense Resistor
More results

Similar Description - CSS4J-4026

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS2H-2512R-L500J BOURNS-CSS2H-2512R-L500J Datasheet
377Kb / 2P
Current Sense Resistor
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
Current Sense Resistor
CSS2H-5930K-1L00F BOURNS-CSS2H-5930K-1L00F Datasheet
385Kb / 2P
Current Sense Resistor
CSS4J-4026R-1L00F BOURNS-CSS4J-4026R-1L00F Datasheet
352Kb / 2P
Current Sense Resistor
CSS2H-5930 BOURNS-CSS2H-5930 Datasheet
421Kb / 4P
Current Sense Resistor
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
Current Sense Resistor
CSS2H-3920 BOURNS-CSS2H-3920 Datasheet
418Kb / 4P
Current Sense Resistor
CSM2F-6918 BOURNS-CSM2F-6918 Datasheet
576Kb / 4P
Current Sense Resistor
CSM2F-7036 BOURNS-CSM2F-7036 Datasheet
554Kb / 4P
Current Sense Resistor
CSM2F-8518 BOURNS-CSM2F-8518 Datasheet
557Kb / 4P
Current Sense Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com