Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS4J-4026 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CSS4J-4026
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS4J-4026 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CSS4J-4026 Datasheet HTML 1Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 2Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 3Page - Bourns Electronic Solutions CSS4J-4026 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
SENSE TERMINALS
BASE MATERIAL
COPPER ALLOY C10200
RESISTIVE MATERIAL
H
6.90
(0.272)
REF.
2.00 ± 0.12
(0.079 ± 0.004)
0.42 ± 0.10
(0.017 ± 0.004)
2.40
(0.094)
10.06 ± 0.25
(0.396 ± 0.010)
5.00 +0.10/-0.30
(0.197 +0.004/-0.012)
TRIMMING AREA
0.70 ± 0.10
(0.028 ± 0.004)
1.00 ± 0.15
(0.039 ± 0.006)
4.90
(0.193)
REF.
6.60 +0.30/-0.20
(0.260 +0.012/-0.008
REF.
10.40
(0.41)
SOLDER
PADS
5.60
(0.22)
0.80
(0.03)
7.30
(0.29)
SIZE
MATERIAL TYPE
MANUFACTURER’S
TRADEMARK
DATE CODE:
YYWW
RESISTANCE
TOLERANCE:
F = 1 %
J = 5 %
RESISTANCE
CODE
IN MILLIOHMS:
“L” = DECIMAL POINT
PART IDENTIFICATION:
CSS = CURRENT SENSOR SHUNT
4J = NUMBER OF
TERMINALS & STYLE
CSS4J-4026R
1L00 1%
1602
ModelCSS4J-4026SeriesCurrentSenseResistor
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Part Number
Dimension H
CSS4J-4026R-L200x
4.01±0.2
(0.161±0.008)
CSS4J-4026R-L300x
3.45±0.2
(0.136±0.008)
CSS4J-4026R-L500x
3.04±0.2
(0.120±0.008)
CSS4J-4026R-1L00x
2.82±0.2
(0.111±0.008)
CSS4J-4026K-2L00x
2.94±0.2
(0.116±0.008)
CSS4J-4026K-3L00x
2.82±0.2
(0.111±0.008)
SENSE TERMINALS
BASE MATERIAL
COPPER ALLOY C10200
RESISTIVE MATERIAL
H
6.90
(0.272)
REF.
2.00 ± 0.12
(0.079 ± 0.004)
0.42 ± 0.10
(0.017 ± 0.004)
2.40
(0.094)
10.06 ± 0.25
(0.396 ± 0.010)
5.00 +0.10/-0.30
(0.197 +0.004/-0.012)
TRIMMING AREA
0.70 ± 0.10
(0.028 ± 0.004)
1.00 ± 0.15
(0.039 ± 0.006)
4.90
(0.193)
REF.
6.60 +0.30/-0.20
(0.260 +0.012/-0.008
REF.
10.40
(0.41)
SOLDER
PADS
5.60
(0.22)
0.80
(0.03)
7.30
(0.29)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com