Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCCLW Datasheet(PDF) 4 Page - Micro Electronics

Part # MLX90308CCCLW
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCCLW Datasheet(HTML) 4 Page - Micro Electronics

  MLX90308CCCLW Datasheet HTML 1Page - Micro Electronics MLX90308CCCLW Datasheet HTML 2Page - Micro Electronics MLX90308CCCLW Datasheet HTML 3Page - Micro Electronics MLX90308CCCLW Datasheet HTML 4Page - Micro Electronics MLX90308CCCLW Datasheet HTML 5Page - Micro Electronics MLX90308CCCLW Datasheet HTML 6Page - Micro Electronics MLX90308CCCLW Datasheet HTML 7Page - Micro Electronics MLX90308CCCLW Datasheet HTML 8Page - Micro Electronics MLX90308CCCLW Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 4
Rev 2.2
23/Oct/01
Table 1. MLX90308 Electrical Specifications (continued)
DC operating parameters: TA = -40 to 140
oC, V
DD1 = 6 to 35VDC (unless otherwise specified).
Parameter
Test Conditions
Min
Typ
Max
Units
Coarse gain
CSGN = 110*
20.4
23.0
V/V
CSGN = 111*
33.1
36.6
V/V
Fixed gain control range
0.480
0.970
V/V
Digital Mode & Current Mode Coarse Gain Stage
Course Gain
CSGN = 00
1.05
1.17
V/V
CSGN = 01
1.71
1.89
V/V
CSGN = 10
2.77
3.06
V/V
CSGN = 11
4.48
4.95
V/V
Output voltage span
CSGN[2:2] = 0
4.5
6.5
V
Gain
2.74
3.04
V/V
CSGN[2:2] = 1
6.5
11
V
Gain
7.24
7.86
V/V
Minimum output voltage
-0.2
V
Output source current
2.0
mA
Output sink current
@ 0V output voltage
20
uA
Output resistance
Over complete output range
25
Ohms
Digital mode output span
CSGN[2:2] = 0
6.5
V
CSGN[2:2] = 1
11.0
V
Digital mode step size
VDD = 5V, CSGN[2:2]=0
6.5
mV
VDD = 5V, CSGN[2:2]=1
11.0
mV
Capacitive load VMO pin
10
nF
Current Mode Output Stage
Fixed gain
RSENSE = 24 ohm
8.4
9.3
mA/V
Output current CMO pin
Current mode
27
mA
Current sense resistor
24
Ohms
Digital mode current output span
VDD = 5V
23
mA
Digital mode current step Size
VDD = 5V,RSENSE=24Ù
30
uA
Signal Path ( General)
Overall gain
Voltage mode
28
600
V/V
Current mode = 24Ù
81
750
mA/V
Overall non-linearity
-0.25
0.25
%
Ratiometry Error (4.75V – 5.25V)
Overall Gain < 250V/V
-0.5
0.5
%
Overall Gain > 250V/V
-1.3
+1.3
%
Voltage Mode Output Stage ( See Voltage Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com