Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCCLW Datasheet(PDF) 5 Page - Micro Electronics

Part # MLX90308CCCLW
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCCLW Datasheet(HTML) 5 Page - Micro Electronics

  MLX90308CCCLW Datasheet HTML 1Page - Micro Electronics MLX90308CCCLW Datasheet HTML 2Page - Micro Electronics MLX90308CCCLW Datasheet HTML 3Page - Micro Electronics MLX90308CCCLW Datasheet HTML 4Page - Micro Electronics MLX90308CCCLW Datasheet HTML 5Page - Micro Electronics MLX90308CCCLW Datasheet HTML 6Page - Micro Electronics MLX90308CCCLW Datasheet HTML 7Page - Micro Electronics MLX90308CCCLW Datasheet HTML 8Page - Micro Electronics MLX90308CCCLW Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 5
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 5
Rev 2.2
23/Oct/01
Table 1. MLX90308 Electrical Specifications (continued)
DC operating parameters: TA = -40 to 140
oC, V
DD1 = 6 to 35VDC (unless otherwise specified).
Parameter
Test Conditions
Min
Typ
Max
Units
Bandwidth (-3dB)
39 nF connected from FLT to GND 2.8
3.5
4.2
KHz
5.0
mVRMS
Temperature Sensor & - Amplifier
Temperature sensor sensitivity
390
uV/ºC
Temperature sensor output voltage
70
380
mV
Temperature Sensor & Amplifier (continued).
Input voltage range TMP pin
GNTP[1,0] = 00
207
517
mV
@ VDD = 5.0V
GNTP[1,0] = 01
145
367
mV
GNTP[1,0] = 10
101
263
mV
GNTP[1,0] = 11
71
186
mV
DAC
Resolution
10
Bit
Monotonicity
Guaranteed By Design
Ratiometric output range (DAC output)
1
75
% VDD
Offset Error
10
LSB
Differential non-linearly
1
LSB
Integral non-linearity
2
LSB
ADC
Resolution
10
Bit
Monotonicity
Guaranteed by design
Ratiometric input range
1
75
% VDD
Offset error
10
LSB
Differential non-linearly
1
LSB
Integral non-linearity
2
LSB
On-Chip RC Oscillator and Clock
Untrimmed RC oscillator
frequency
40
250
kHz
Trimmed RC oscillator frequency
(Measured at TMP pin with TSTB pin pulled low after power up)
86.9
87.8
88.7
kHz
Frequency temperature coefficiency
26
Hz/ºC
Clock Stability with temperature compensation over full temperature range
-3
+3
%
Ratio of f (microcontroller main clock
and (RC oscillator)
TURBO = 0
7
TURBO = 1
28
Noise, VDD = 5V, CFLT=39nF, CL=10nF, RL =5KÙ, Analog Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com