Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3413 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS3413
Description  Non-isolated Buck APFC Offline LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3413 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS3413 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.winsemi.comTel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/9
WS3413 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Electrical Characteristics (Unless otherwise specified, VCC=8V and TA =25 ℃)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage Section
Vcc_clamp
VCC Clamp Voltage
7.5
8.0
8.5
V
Icc_clamp
VCC Clamp Current
5
mA
VCC_ST
VCC Turn On Threshold
VCC Rising
7.07
7.57
8.07
V
Vuvlo_HYS
VCC Turn Off hysteresis
VCC Falling
1.32
V
Ist
VCC Startup Current
VCC<VCC_ST-0.5V
70
100
uA
Iop
VCC Operating Current
400
uA
Current Sense Section
Vocp
Over current
Protectionthreshold
1
V
TLEB
Leading Edge Blanking Time
for Current Sense
350
ns
Td
Switch off Delay Time
200
ns
Compensation Section
VREF
Internal Reference Voltage
194
200
206
mV
VCL
COMP Low Clamp Voltage
1.5
V
VCH
COMP High Clamp Voltage
4
V
Internal driver
TOFF_MIN
Minimum Off Time
3
us
TON_MAX
Maximum On Time
20
us
Feedback Section
VFB
FB Over Voltage Protection
Threshold
1.6
V
VZCD
FB Falling Edge
Threshold Voltage
0.2
V
Power MOSFET
RDSON
Static Drain-source
On-resistance
2.8
3.5
Ω
VDS
Drain-Source Breakdown
Voltage
550
V
Thermal Regulation Section
TREG
Thermal Regulation
Temperature
150
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com