Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3413 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS3413
Description  Non-isolated Buck APFC Offline LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3413 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS3413 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS3413 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
WS3413 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Copyright@WinsemiMicroelectronics Co.,Ltd.,All rightreserved
1030
Features
Internal 550V Power MOSFET
Active PFC for High Power Factor and Low THD
Critical Conduction Mode Operation
System Efficiency up to 95%
Without auxiliary winding
Excellent Line and Load Regulation
±3% LED Output Current Accuracy
Thermal Regulation Function
LED Short/Open Protection
Current Sensing Resistor Open Protection
Auto Fault Recovery
Available in DIP7/SOP8 Package
Applications
E27 LED Bulb, Spot Light
PAR30, PAR38 Lamp
T8/T10 LED String
Other LED Lighting
Description
The WS3413 is a high precision non-isolated buck driver
with active PFC, specially designed for universal input offline
constant current LED lighting. The driver with on-chip PFC
circuit achieves high power factor and low THD. Operating in
critical conduction mode, the power MOSFET switching loss
is reduced and the inductor is fully utilized.
The WS3413 integrates a 550V power MOSFET. With
few external components, the LED output current can be
precisely controlled.
The WS3413 offers rich protection functions to improve
the system reliability, including LED open circuit protection,
LED short circuit protection, CS resistor open circuit
protection and cycle by cycle current limit. All the protection
functions are auto-recovery. The system reliability is further
improved by the thermal regulation function. The output
current is reduced when the driver is over temperature.
The WS3413 has ultra low start up current and ultra low
operating current.
The WS3413 is available in DIP7/SOP8 Package.
Typical Application
Non-isolated Buck APFC Offline LED Driver


Similar Part No. - WS3413

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
WS3413 Active PFC Non-isolated Buck LED Driver
WS3413 WINSEMI-WS3413 Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
WS3413D7P WINSEMI-WS3413D7P Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
List of Unclassifed Man...
WS3413E ETC2-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3413E WINSEMI-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
More results

Similar Description - WS3413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3410 ETC2-WS3410 Datasheet
476Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3411H ETC2-WS3411H Datasheet
576Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3412AH ETC2-WS3412AH Datasheet
579Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3413E ETC2-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
WS3414H ETC2-WS3414H Datasheet
545Kb / 8P
Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3414H WINSEMI-WS3414H Datasheet
545Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3413 WINSEMI-WS3413_15 Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
Bright Power Semiconduc...
BP2326AJ BPS-BP2326AJ Datasheet
476Kb / 8P
Non-isolated Buck APFC Offline LED Driver
Rev.1.2
BP2328DJ BPS-BP2328DJ Datasheet
466Kb / 8P
Non-isolated Buck APFC Offline LED Driver
Rev.1.2
logo
JILIN SINO-MICROELECTRO...
HW9315B JSMC-HW9315B Datasheet
625Kb / 9P
Non-isolated Buck APFC Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com