Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28158PVC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY28158PVC
Description  Spread Spectrum Timing Solution for Serverworks Chipset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28158PVC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY28158PVC Datasheet HTML 1Page - Cypress Semiconductor CY28158PVC Datasheet HTML 2Page - Cypress Semiconductor CY28158PVC Datasheet HTML 3Page - Cypress Semiconductor CY28158PVC Datasheet HTML 4Page - Cypress Semiconductor CY28158PVC Datasheet HTML 5Page - Cypress Semiconductor CY28158PVC Datasheet HTML 6Page - Cypress Semiconductor CY28158PVC Datasheet HTML 7Page - Cypress Semiconductor CY28158PVC Datasheet HTML 8Page - Cypress Semiconductor CY28158PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY28158
Document #: 38-07039 Rev. *B
Page 4 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ..................................................–0.5 to +7.0V
Input Voltage .............................................. –0.5V to VDD+0.5
Storage Temperature (Non-Condensing) ... –65
°C to +150°C
Max. Soldering Temperature (10 sec) ...................... +260
°C
Junction Temperature............................................... +150
°C
Package Power Dissipation.............................................. 1W
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Operating Conditions[4] Over which Electrical Parameters are Guaranteed
Parameter
Description
Min.
Max.
Unit
VDD_REF, VDD_PCI, VDDA,
VDD_3V66, VDD_48MHZ
3.3V Supply Voltages
3.135
3.465
V
VDD_CPU
CPU Supply Voltage
2.375
2.625
V
VDD_IOAPIC
IOAPIC Supply Voltage
2.375
2.625
V
TA
Operating Temperature, Ambient
0
70
°C
CL
Max. Capacitive Load on
CPU, 48MHZ, REF, IOAPIC
PCI, 3V66
20
30
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Pads. Threshold voltage for crystal pads = VDD/2
2.0
V
VIL
Low-level Input Voltage
Except Crystal Pads
0.8
V
VOH
High-level Output Voltage CPU, IOAPIC
IOH = –1 mA
2.0
V
48 MHZ, REF, PCI, 3V66
IOH = –1 mA
2.4
VOL
Low-level Output Voltage
CPU, IOAPIC
IOL = 1 mA
0.4
V
48 MHZ, REF, PCI, 3V66
IOL = 1 mA
0.4
IIH
Input High Current
0 < VIN < VDD
10
µA
IIL
Input Low Current
0 < VIN < VDD
10
µA
IOH
High-level Output Current CPU
VOH = 2.0V
–16
mA
–60
IOAPIC
VOH = 2.0V
–20
–72
48 MHZ, REF
VOH = 2.4V
–15
–51
3V66, PCI
VOH = 2.4V
–30
–100
IOL
Low-level Output Current
CPU
VOL = 0.4V
19
mA
49
IOAPIC
VOL = 0.4V
25
58
48 MHZ, REF
VOL = 0.4V
10
24
3V66, PCI
VOL = 0.4V
20
49
IOZ
Output Leakage Current
Three-state
10
µA
IDD2
2.5V Power Supply Cur-
rent
VDDA/VDD33 = 3.465V, VDD25 = 2.625V, FCPU = 133 MHz
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com