Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28158PVC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28158PVC
Description  Spread Spectrum Timing Solution for Serverworks Chipset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28158PVC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28158PVC Datasheet HTML 1Page - Cypress Semiconductor CY28158PVC Datasheet HTML 2Page - Cypress Semiconductor CY28158PVC Datasheet HTML 3Page - Cypress Semiconductor CY28158PVC Datasheet HTML 4Page - Cypress Semiconductor CY28158PVC Datasheet HTML 5Page - Cypress Semiconductor CY28158PVC Datasheet HTML 6Page - Cypress Semiconductor CY28158PVC Datasheet HTML 7Page - Cypress Semiconductor CY28158PVC Datasheet HTML 8Page - Cypress Semiconductor CY28158PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY28158
Document #: 38-07039 Rev. *B
Page 2 of 10
Pin Definitions
Name
Pins
Description
X1[1]
5
Reference crystal input
X2[1]
6
Reference crystal feedback
CPU [0–5]
41, 42, 45, 46, 49, 50
CPU clock outputs
PCI [1–5]
11, 12, 14, 15, 18
PCI clock outputs, synchronously running at 33.33 MHz
PCI_F
9
Free running PCI clock
3V66 [0–1]
25, 26
3V66 clock outputs, running at 66.66 MHz
IOAPIC [0–2]
53, 54, 55
IOAPIC clock outputs, running at 16.67 MHz
REF [0–1]
2, 3
Reference clock outputs, 14.318 MHz
48MHZ
30
48-MHz USB clock output
CPU_STOP#
36
Active LOW input, disables CPU and 3V66 clocks when asserted
PCI_STOP#
37
Active LOW input, disables PCI clocks when asserted
PWR_DWN#
35
Active LOW input, powers down part when asserted
SPREAD#
34
Active LOW input, enables spread spectrum when asserted
SEL1
33
CPU frequency select input (See Function Table)
SEL0
32
CPU frequency select input (See Function Table)
SEL133/100#
28
CPU frequency select input (See Function Table)
GND_REF
1
3.3V Reference ground
GND_PCI
7, 8, 13, 19
3.3V PCI ground
GND_3V66
20, 21, 24
3.3V 66-MHz (AGP) ground
GND_48MHZ
29
3.3V 48-MHz (USB) ground
GND_IOAPIC
52
2.5V APIC ground
GND_CPU
40, 44, 48
2.5V CPU ground
GNDA
38
Analog ground to PLL and Core
VDD_REF
4
3.3V Reference voltage supply
VDD_PCI
10, 16, 17
3.3V PCI voltage supply
VDD_3V66
22, 23, 27
3.3V 66-MHz (AGP) voltage supply
VDD_48MHZ
31
3.3V 48-MHz (USB) voltage supply
VDD_IOAPIC
56
2.5V APIC voltage supply
VDD_CPU
43, 47, 51
2.5V CPU voltage supply
VDDA
39
Analog voltage supply to PLL and Core
Note:
1.
For best accuracy, use a parallel-resonant crystal, CLOAD = 18 pF. For crystals with different CLOAD, please refer to the application note, “Crystal Oscillator
Topics.”



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com