Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2621 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2621
Description  Low Input Voltage, Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2621 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2621 Datasheet HTML 1Page - National Semiconductor (TI) LM2621 Datasheet HTML 2Page - National Semiconductor (TI) LM2621 Datasheet HTML 3Page - National Semiconductor (TI) LM2621 Datasheet HTML 4Page - National Semiconductor (TI) LM2621 Datasheet HTML 5Page - National Semiconductor (TI) LM2621 Datasheet HTML 6Page - National Semiconductor (TI) LM2621 Datasheet HTML 7Page - National Semiconductor (TI) LM2621 Datasheet HTML 8Page - National Semiconductor (TI) LM2621 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2621
Low Input Voltage, Step-Up DC-DC Converter
General Description
The LM2621 is a high efficiency, step-up DC-DC switching
regulator for battery-powered and low input voltage systems.
It accepts an input voltage between 1.2V and 14V and con-
verts it into a regulated output voltage. The output voltage
can be adjusted between 1.24V and 14V. It has an internal
0.17
Ω N-Channel MOSFET power switch. Efficiencies up to
90% are achievable using the LM2621.
The high switching frequency (adjustable up to 2MHz) of the
LM2621 allows for tiny surface mount inductors and capaci-
tors. Because of the unique constant-duty-cycle gated oscil-
lator topology very high efficiencies are realized over a wide
load range. The supply current is reduced to 80µA because
of the BiCMOS process technology. In the shutdown mode,
the supply current is less than 2.5µA.
The LM2621 is available in a Mini-SO-8 package. This pack-
age uses half the board area of a standard 8-pin SO and has
a height of just 1.09 mm.
Features
n
Small Mini-SO8 Package (Half the Footprint of Standard
8-Pin SO Package)
n
1.09 mm Package Height
n
Up to 2 MHz Switching Frequency
n
1.2V to 14V Input Voltage
n
1.24V - 14V Adjustable Output Voltage
n
Up to 1A Load Current
n
0.17
Ω Internal MOSFET
n
Up to 90% Regulator Efficiency
n
80 µA Typical Operating Current
n <
2.5µA Guaranteed Supply Current In Shutdown
Applications
n
PDAs, Cellular Phones
n
2-Cell and 3-Cell Battery-Operated Equipment
n
PCMCIA Cards, Memory Cards
n
Flash Memory Programming
n
TFT/LCD Applications
n
3.3V to 5.0V Conversion
n
GPS Devices
n
Two-Way Pagers
n
Palmtop Computers
n
Hand-Held Instruments
Typical Application Circuit
DS100934-12
February 2000
© 2000 National Semiconductor Corporation
DS100934
www.national.com


Similar Part No. - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI-LM2621 Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621 Datasheet
507Kb / 17P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI2-LM2621 Datasheet
1Mb / 22P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
REVISED NOVEMBER 2015
More results

Similar Description - LM2621

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Texas Instruments
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com