Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI) LM26 Datasheet HTML 10Page - National Semiconductor (TI) LM26 Datasheet HTML 11Page - National Semiconductor (TI) LM26 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics
LM2614ATL, Circuit of Figure 4,VIN = 3.6V, TA = 25˚C, unless otherwise noted. (Continued)
Efficiency vs Output Voltage
(PWM MODE, with Diode)
20036730
Device Information
The LM2614 is a simple, step-down DC-DC converter opti-
mized for powering RF power amplifiers (PAs) in mobile
phones, portable communicators, and similar battery pow-
ered RF devices. It is designed to allow the RF PA to operate
at maximum efficiency over a wide range of power levels
from a single LiION battery cell. It is based on a
current-mode buck architecture, with synchronous rectifica-
tion in PWM mode for high efficiency. It is designed for a
maximum load capability of 400mA (300mA for B grade) in
PWM mode. Maximum load range may vary from this de-
pending on input voltage, output voltage and the inductor
chosen.
The device has all three of the pin-selectable operating
modes required for powering RF PAs in mobile phones and
other sophisticated portable devices with complex power
management needs. Fixed-frequency PWM operation offers
full output current capability at high efficiency while minimiz-
ing interference with sensitive IF and data acquisition cir-
cuits. During standby operation, hysteretic PFM mode re-
duces quiescent current to 160µA typ. to maximize battery
life. Shutdown mode turns the device off and reduces battery
consumption to 0.02µA (typ).
DC PWM mode feedback voltage precision is ±1%. Effi-
ciency is typically 96% for a 200mA load with 3.6V output,
3.9V input. The efficiency can be further increased by using
a schottky diode like MBRM120 as shown in Figure 4. PWM
mode quiescent current is 600µA typ. The output voltage is
dynamically programmable from 1.0V to 3.6V by adjusting
the voltage on the VCON at the external feedback resistors.
This ensures longer battery life by being able to change the
PA supply voltage dynamically depending on its transmitting
power.
Additional features include soft-start, current overload pro-
tection, over voltage protection and thermal shutdown pro-
tection.
The LM2614 is constructed using a chip-scale 10-pin thin
micro SMD package. This package offers the smallest pos-
sible size, for space-critical applications such as cell phones,
where board area is an important design consideration. Use
of a high switching frequency (600kHz) reduces the size of
external components. Board area required for implementa-
tion is only 0.58in
2 (375mm2).
Use of a micro-SMD package requires special design con-
siderations for implementation. (See Micro SMD Package
Assembly and Use in the Application Information section.) Its
fine bump-pitch requires careful board design and precision
assembly equipment.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com