Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2614
400mA Sub-Miniature Adjustable DC-DC Converter
Optimized for RF Power Amplifiers
General Description
The LM2614 DC-DC converter is optimized for powering RF
power amplifiers (PAs) from a single Lithium-Ion cell. It steps
down an input voltage of 2.8V to 5.5V to an output of 1.0V to
3.6V at up to 400mA (300mA for B grade). Output voltage is
set using an analog input to VCON in the application circuit.
The device offers three modes for mobile phones and similar
RF PA applications. Fixed-frequency PWM mode minimizes
RF interference. A SYNC input allows synchronizing the
switching frequency in a range of 500kHz to 1MHz. Low
current hysteretic PFM mode reduces quiescent current to
160µA (typ.). Shutdown mode turns the device off and re-
duces battery consumption to 0.02µA (typ.).
Current limit and thermal shutdown features protect the de-
vice and system during fault conditions.
The LM2614 is available in a 10 bump micro SMD package.
This packaging uses National’s chip-scale micro SMD tech-
nology and offers the smallest possible size. A high switching
frequency (600kHz) allows use of tiny surface-mount com-
ponents.
The LM2614 can be dynamically controlled for output volt-
age changes from 1.0V to 3.6V in <30µs. The device fea-
tures external compensation to tailor the response to a wide
range of operating conditions.
Key Specifications
n
Operates from a single LiION cell (2.8V to 5.5V)
n
Adjustable output voltage (1.0V to 3.6V)
n ±
1% DC feedback voltage precision
n
400mA maximum load capability(300mA for B grade)
n
600µA typ PWM mode quiescent current
n
0.02µA typ shutdown current
n
600kHz PWM switching frequency
n
SYNC input for PWM mode frequency synchronization
from 500kHz to 1MHz
n
High efficiency (96% typ at 3.9V
IN, 3.6VOUT and 200mA)
in PWM mode from internal synchronous rectification
n
100% Maximum Duty Cycle for Lowest Dropout
Features
n
Sub-miniature 10-bump thin micro SMD package
n
Uses small ceramic capacitors
n
5mV typ PWM mode output voltage ripple(C
OUT = 22µF)
n
Internal soft start
n
Current overload protection
n
Thermal Shutdown
n
External compensation
Applications
n
Mobile Phones
n
Hand-Held Radios
n
RF PC Cards
n
Battery Powered RF Devices
August 2002
© 2002 National Semiconductor Corporation
DS200367
www.national.com


Similar Part No. - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
2Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM26 NSC-LM26 Datasheet
428Kb / 15P
400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
LM26 NSC-LM26 Datasheet
151Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results

Similar Description - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com