Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7226LP Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7226LP
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226LP Datasheet(HTML) 4 Page - Exar Corporation

  MP7226LP Datasheet HTML 1Page - Exar Corporation MP7226LP Datasheet HTML 2Page - Exar Corporation MP7226LP Datasheet HTML 3Page - Exar Corporation MP7226LP Datasheet HTML 4Page - Exar Corporation MP7226LP Datasheet HTML 5Page - Exar Corporation MP7226LP Datasheet HTML 6Page - Exar Corporation MP7226LP Datasheet HTML 7Page - Exar Corporation MP7226LP Datasheet HTML 8Page - Exar Corporation MP7226LP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP7226
4
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
POWER SUPPLY
VDD Range
10.8
16.5
10.8
16.5
V
For specified performance
VSS Range (Dual Supplies)8
0
–5.5
0
–5.5
V
For specified performance
IDD
12
14
mA
Outputs unloaded;
VIN=VINL or VINH
ISS (Dual Supplies)
10
12
Outputs unloaded;
VIN=VINL or VINH
SWITCHING
CHARACTERISTICS4, 6, 7
Address to WR Setup Time, t1
tAS
00
ns
Address to WR Hold Time, t2
tAH
00
ns
Data Valid to WR Setup Time, t3
tDS
70
95
ns
Data Valid to WR Hold Time, t4
tDH
10
10
WR Pulse Width, t5
tWR
95
120
ns
NOTES:
Specifications are subject to change without notice
1
VOUT must be less than VDD by 3.5 V to ensure correct operation.
2
Total Unadjusted Error includes zero code error, relative accuracy and full-scale error.
3
Calculated after zero code error has been adjusted out.
4
Sample tested at 25
°C to ensure compliance.
5
The glitch impulse transferred to the output of one converter (not adjusted) due to a change in the digital input code to another
addressed converter.
6
All input rise and fall times are measured from 10% to 90% of +5 V, tR = tF = 5 ns.
7
Timing measurement reference level is (VINH + VINL)/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com