Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7226LP Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7226LP
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226LP Datasheet(HTML) 5 Page - Exar Corporation

  MP7226LP Datasheet HTML 1Page - Exar Corporation MP7226LP Datasheet HTML 2Page - Exar Corporation MP7226LP Datasheet HTML 3Page - Exar Corporation MP7226LP Datasheet HTML 4Page - Exar Corporation MP7226LP Datasheet HTML 5Page - Exar Corporation MP7226LP Datasheet HTML 6Page - Exar Corporation MP7226LP Datasheet HTML 7Page - Exar Corporation MP7226LP Datasheet HTML 8Page - Exar Corporation MP7226LP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP7226
5
Rev. 2.00
ELECTRICAL CHARACTERISTICS
Single & Dual
5 V Supply Operation (VDD = +5 V 5%, VSS = 0 V to –5 V 10%, VREF = +1.25 V,
AGND = 0 V, DGND = 0 V, RL = 2kΩ, CL = 100pF unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (All Grades)
N
8
8
Bits
Integral Non-Linearity
INL
LSB
(Relative Accuracy)
K
2
2
End Point Linearity Spec
L1
1
Differential Non-Linearity
DNL
LSB
All grades monotonic over full
K
1
1
temperature range.
L
1
1
Total Unadjusted Error2
4
LSB
VDD = 5 V 5%, VREF = 1.25 V
Full Scale Error3
LSB
VREF = +1.25 V
K
4
4
L
2
2
Zero Code Error
20
mV
Output Load Resistance
2
k
Ω
VOUT = +10 V
DYNAMIC PERFORMANCE4
Voltage Output Slew Rate
2
4
V/
µs
Voltage Output Settling Time
4
µsVREF = +1.25 V; Settling Time to
1/2 LSB
Digital Feedthrough
25
nVs
Code transition all 0s to all 1s
VREF = 0 V, WR = VDD
Digital Crosstalk5
25
nVs
Code transition all 0s to all 1s
VREF = +1.25 V, WR = 0 V
REFERENCE INPUT
Reference Input Range
1
1.6
1
1.6
V
VOUT must be < VDD by 3.2V
Reference Input Resistance
RIN
22
k
Ω
Reference Input Capacitance4
500
pF
Occurs when all DACs are loaded
with all 1s
AC Feedthrough
–70
dB
VREF = 10 kHz, 1/2 V p-p sinewave
DIGITAL INPUTS
Input High Voltage
VINH
2.4
2.4
V
Input Low Voltage
VINL
0.8
0.8
V
Input Leakage Current
ILKG
1
1
µAVIN = 0 V or VDD
Input Capacitance4
88
pF
Input Coding
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com