Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7542JS Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7542JS
Description  5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7542JS Datasheet(HTML) 2 Page - Exar Corporation

  MP7542JS Datasheet HTML 1Page - Exar Corporation MP7542JS Datasheet HTML 2Page - Exar Corporation MP7542JS Datasheet HTML 3Page - Exar Corporation MP7542JS Datasheet HTML 4Page - Exar Corporation MP7542JS Datasheet HTML 5Page - Exar Corporation MP7542JS Datasheet HTML 6Page - Exar Corporation MP7542JS Datasheet HTML 7Page - Exar Corporation MP7542JS Datasheet HTML 8Page - Exar Corporation MP7542JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7542
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7542AD
Ceramic Dip
MP7542BD
Ceramic Dip
MP7542SD*
Ceramic Dip
MP7542TD*
Plastic Dip
MP7542JN
Plastic Dip
MP7542KN
SOIC
MP7542JS
SOIC
MP7542KS
–40 to +85
°C
–40 to +85
°C
–55 to +125
°C
–55 to +125
°C
+1
+1
+1
+1
+1/2
+1/2
+1/2
+1/2
+2
+2
+2
+2
+1
+1
+1
+1
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
INL
(LSB)
DNL
(LSB)
Gain Error
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
AGND
DB3
DB2
DB1
DB0
DGND
A1
A0
16 Pin CDIP, PDIP (0.300”)
D16, N16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RFB
VREF
VDD
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
16 Pin SOIC (Jedec, 0.300”)
S16
DGND
A1
A0
RFB
VREF
VDD
IOUT1
IOUT2
AGND
DB3
DB2
DB1
DB0
IOUT1
IOUT2
See Packaging Section for Package Dimensions
CLR
WR
CS
CLR
WR
CS
PIN OUT DEFINITIONS
1IOUT1
DAC current output. Normally
terminated at op amp.
2IOUT2
DAC current output. Normally
terminated at ground.
3
AGND
Analog Ground
4
DB3
Data Input Bit 3 (MSB)
5
DB2
Data Input Bit 2
6
DB1
Data Input Bit 1
7
DB0
Data Input Bit 0 (LSB)
PIN NO.
NAME
DESCRIPTION
8CS
Chip Select Input
9WR
Write Input
10
A0
Address Bus Input
11
A1
Address Bus Input
12
DGND
Digital Ground
13
CLR
Clear Input
14
VDD
+5 V Supply Input
15
VREF
Reference Input
16
RFB
DAC Feedback Resistor
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com