Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7542JS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7542JS
Description  5 V CMOS 4-Bit Input, 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7542JS Datasheet(HTML) 1 Page - Exar Corporation

  MP7542JS Datasheet HTML 1Page - Exar Corporation MP7542JS Datasheet HTML 2Page - Exar Corporation MP7542JS Datasheet HTML 3Page - Exar Corporation MP7542JS Datasheet HTML 4Page - Exar Corporation MP7542JS Datasheet HTML 5Page - Exar Corporation MP7542JS Datasheet HTML 6Page - Exar Corporation MP7542JS Datasheet HTML 7Page - Exar Corporation MP7542JS Datasheet HTML 8Page - Exar Corporation MP7542JS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7542
1
Rev. 2.00
FEATURES
• 12-Bit DAC with a 4-Bit Parallel Address for 4 & 8-Bit
Microprocessor or Microcontroller Interface
• Nonlinearity +1/2 LSB Tmin to Tmax
• Latch-Up Free
• Low Sensitivity to Output Amplifier VOS
• Low Output Capacitance
5 V CMOS
4-Bit Input, 12-Bit
Digital-to-Analog Converter
• +5 V Supply Operation
• Low Power Consumption: 40mW Max.
• Low Cost
• Serial Version: MP7543
GENERAL DESCRIPTION
The MP7542 is a precision, 12-bit CMOS 4-quadrant multi-
plying Digital-to-Analog Converter designed for direct interface
to 4 and 8-bit microprocessors.
The MP7542 consists of three 4-bit registers, a 12-bit DAC
register, address decoding logic, and a 12-bit CMOS multiplying
DAC. Data is loaded into the data registers in three 4-bit nibbles
and subsequently transferred to the 12-bit DAC register. All data
loading or data transfer operations are identical to the WRITE
cycle of a static RAM. A CLEAR input allows the 12-bit DAC reg-
ister to be reset to all zeros.
The MP7542 is manufactured using advanced thin-film on
monolithic double metal CMOS fabrication process. A unique
decoding technique is utilized yielding excellent accuracy and
stability.
The MP7542 reduces the additional linearity errors due to
output amplifier offset to only 330
µV per millivolt of offset versus
670
µV for the standard R-2R ladder CMOS DACs.
SIMPLIFIED BLOCK DIAGRAM
12-Bit Multiplying DAC
12-Bit DAC Register
H-Byte
Data
Register
M-Byte
Data
Register
L-Byte
Data
Register
Address
Decode
Logic
A0
A1
AGND
DB1
DB2
DB3 (MSB)
DGND
DB0 (LSB)
VREF
RFB
VDD
IOUT1
IOUT2
CLR
WR
CS


Similar Part No. - MP7542JS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJN EXAR-MP7541BJN Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BJS EXAR-MP7541BJS Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKN EXAR-MP7541BKN Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7541BKS EXAR-MP7541BKS Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
More results

Similar Description - MP7542JS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7543 EXAR-MP7543 Datasheet
128Kb / 12P
5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com