Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9000 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button DM9000 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
Final
39
Version: DM9000-DS-F02
June 26, 2002
10.4 AC Electrical Characteristics & Timing Waveforms
10.4.1 TP Interface
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tTR/F
100TX+/- Differential Rise/Fall Time
3.0
-
5.0
ns
tTM
100TX+/- Differential Rise/Fall Time
Mismatch
0-
0.5
ns
tTDC
100TX+/- Differential Output Duty Cycle
Distortion
0-
0.5
ns
tT/T
100TX+/- Differential Output Peak-to-Peak
Jitter
0-
1.4
ns
XOST
100TX+/- Differential Voltage Overshoot
0
-
5
%
10.4.2 Oscillator/Crystal Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tCKC
TCKC
39.998
40
40.002
ns
50ppm
tPWH
TCKC
16
20
24
ns
tPWL
OSC Pulse Width Low
16
20
24
ns
10.4.3 Processor Register Read Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
System address valid to IOR valid
5
ns
T2
IOR width
22
ns
T3
SD Setup time
10
ns
T4
IOR invalid to SD invalid
4
ns
T5
IOR invalid to system address invalid
5
ns
T6
IOR invalid to next IOR valid (access DM9000)
80
ns
T7
System address valid to IO16,IO32 valid
5
ns
T8
System address invalid to IO16, IO32 invalid
5
ns
T5
T1
IOR
SD
→←
←
→
→
←
←
→
→
T4
T3
→
←
←
AEN,SA
IO16,IO32
Note 1.2
T8
←
→
T7
←
→
T2
T6
,CMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com