Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM9000
Description  ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM9000 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
DM9000
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
2
Final
Version: DM9000-DS-F02
June 26, 2002
Table of Contents
1. General Description ..............................................1
2. Block Diagram……………………………………… 1
3. Features ................................................................4
4. Pin Configuration ..................................................5
4.1 Pin Configuration I: with MII Interface.................5
4.2 Pin Configuration II: with 32-Bit Data Bus...........6
5. Pin Description......................................................7
5.1 MII Interface ........................................................7
5.2 Processor Interface.............................................8
5.3 EEPROM Interface. ............................................9
5.4 Clock Interface ....................................................9
5.5 LED Interface ......................................................9
5.6 10/100 PHY/Fiber .............................................10
5.7 Miscellaneous Pins ...........................................10
5.8 Power Pins........................................................10
6. Vendor Control and Status Register Set.............11
6.1 Network Control Register (00H)........................13
6.2 Network Status Register (01H) .........................13
6.3 TX Control Register (02H) ................................13
6.4 TX Status Register I (03H)................................14
6.5 TX Status Register II (04H)...............................14
6.6 RX Control Register (05H) ................................14
6.7 RX Status Register (06H) .................................15
6.8 Receive Overflow Counter Register (07H) .......15
6.9 Back Pressure Threshold Register (08H) .........15
6.10 Flow Control Threshold Register (09H) ..........16
6.11 RX/TX Flow Control Register (0AH) ...............16
6.12 EEPROM & PHY Control Register (0BH) .......16
6.13 ROM & PHY Address Register (0CH) ............17
6.14 EEPROM & PHY Data Register (0DH, 0EH)..17
6.15 Wake Up Control Register (0FH)....................17
6.16 Physical Address Register (10H~15H) ...........17
6.17 Multicast Address Register (16H~1DH)..........18
6.18 General Purpose Control Register (1EH)…….18
6.19 General Purpose Register (1FH) ....................18
6.20 TX SRAM Read Pointer Address Register
(22H~23H) ..............................................................18
6.21 RX SRAM Write Pointer Address Register
(24H~25H) .......................................................19
6.22 Vendor ID Register (28H~29H).......................19
6.23 Product ID Register (2AH~2BH) .....................19
6.24 Chip Revision Register (2CH).........................19
6.25 Special Mode Control Register (2FH).............19
6.26 Memory Data Read Command without Address
Increment Register (F0H) ................................19
6.27 Memory Data Read Command with Address
Increment Register (F2H) ................................19
6.28 Memory Data Read_ address Register
(F4H~F5H) ......................................................19
6.29 Memory Data Write Command without Address
Increment Register (F6H) ................................19
6.30 Memory Data Write Command with Address
Increment Register (F8H) ................................19
6.31 Memory Data Write_ address Register
(FAH~FBH) ......................................................20
6.32 TX Packet Length Register (FCH~FDH) ........20
6.33 Interrupt Status Register (FEH) ......................20
6.34 Interrupt Mask Register (FFH) ........................20
7. EEPROM Format ................................................21
8. MII Register Description......................................22
8.1 Basic Mode Control Register (BMCR) – 00 ......23
8.2 Basic Mode Status Register (BMSR) – 01........24
8.3 PHY ID Identifier Register #1 (PHYID1) – 02 ...25
8.4 PHY Identifier Register #2 (PHYID2) – 03........25
8.5 Auto-negotiation Advertisement Register
(ANAR) – 04 ....................................................26
8.6 Auto-negotiation Link Partner Ability Register
(ANLPAR) – 05 ................................................27
8.7 Auto-negotiation Expansion Register (ANER) –
06 .....................................................................27
8.8 DAVICOM Specified Configuration Register
(DSCR) – 16 .....................................................28
8.9 DAVICOM Specified Configuration and Status
Register (DSCSR) – 17 ...................................29
8.10 10BASE-T Configuration/Status (10BTCSR) –
18.....................................................................30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com