Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTSS3 Datasheet(PDF) 1 Page - MMD Components

Part # MTSS3
Description  Low Profile SMD Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTSS3 Datasheet(HTML) 1 Page - MMD Components

  MTSS3 Datasheet HTML 1Page - MMD Components MTSS3 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
Revision:
07/31/13 K
Revisions only with customer approval
Pg 1 of 2
M
MT
TS
SS
S S
Se
erriie
ess –
– 3
3..2
2 X
X 2
2..5
5 C
Ce
erra
am
miicc S
SM
MD
D V
VC
CT
TC
CX
XO
O
 Low Profile SMD Device
 Hermetically Sealed
 Tight Stability Over Temperature
 Excellent Phase Noise
Environmental & Mechanical Detail
Marking Detail
Frequency Range
14.400MHZ TO 32.768MHZ
Frequency Stability vs Temperature*
(See Frequency Stability vs Temperature Table)
Operating Temperature Range
(See Frequency Stability vs Temperature Table)
Storage Temperature Range
-40°C to +85°C
Aging
±1.0 per year
Supply Voltage
2.50VDC to +2.80VDC
+3.00VDC to 3.30VDC
Supply Current
2mA max
Output Type
Clipped Sinewave
Output Level
0.8 Vp-p min
Output Load
10k Ohms//10pF
Control Voltage
Vc = +1.40VDC
+0.40VDC to +2.40VDC
Vc = +1.5VDC
+0.50VDC to +2.50VDC
Frequency Tunning Range
±8 ppm to ±15 ppm
100Hz
-115dBc/Hz
1kHz
-135dBc/Hz
10kHz
-145dBc/Hz
* Inclusive of Temperature., Load and Voltage
Phase Noise
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
Gross Leak Test
MIL-STD-883, Method 1014, Condition C
Fine Leak Test
MIL-STD-883, Method 1014, Condition A-2
First Line = MXX.X (not to exceed 5 characters)
M
= MMD
XX.X
=
Device Frequency
(four digits including decimal
point)
Second Line = SYWW (not to exceed 5 characters)
S
= Internal Code
YYWW
= Date Code (Year/Week)


Similar Part No. - MTSS3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTSS310A MMD-MTSS310A Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS310AV MMD-MTSS310AV Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS310C MMD-MTSS310C Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS310CV MMD-MTSS310CV Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
MTSS310D MMD-MTSS310D Datasheet
360Kb / 2P
3.2 X 2.5 Ceramic SMD VCTCXO
More results

Similar Description - MTSS3

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
miniature, low profile SMD
2/11/05
ACT9200WC ACT-ACT9200WC Datasheet
126Kb / 3P
low profile SMD
15/02/05
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
miniature, low profile SMD
26/10/05
logo
ECS, Inc.
CSM-7SSX ECS-CSM-7SSX Datasheet
144Kb / 1P
Low Profile SMD Crystal
logo
Epson ToYoCom
MA-306 EPSONTOYOCOM-MA-306_10 Datasheet
237Kb / 1P
LOW PROFILE SMD
MC-146 EPSONTOYOCOM-MC-146_10 Datasheet
177Kb / 1P
LOW PROFILE SMD
logo
Abracon Corporation
ABLS ABRACON-ABLS_15 Datasheet
1Mb / 2P
SMD LOW PROFILE CRYSTAL
04.07.11
logo
MMD Components
MTTAS5 MMD-MTTAS5 Datasheet
209Kb / 2P
Low Profile SMD Device
MTTBS3 MMD-MTTBS3 Datasheet
181Kb / 2P
Low Profile SMD Device
MTVSS25 MMD-MTVSS25 Datasheet
122Kb / 2P
Low Profile SMD Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com