Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9161E
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9161E Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Final
21
Version: DM9161-DS-F02
May 10,2002
8. MII Register Description
ADD
Name1514
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
CONTROL
Reset
Loop
back
Speed
select
Auto-N
Enable
Power
Down
Isolate Restart
Auto-N
Full
Duplex
Coll.
Test
Reserved
01
STATUS
T4
Cap.
TX FDX
Cap.
TX HDX
Cap.
10
FDX
Cap.
10 HDX
Cap.
Reserved
Pream.
Supr.
Auto-N
Compl.
Remote
Fault
Auto-N
Cap.
Link
Status
Jabber
Detect
Extd
Cap.
02
PHYID1
0
0
000
0
0
1
1
0
0
0
0
0
0
0
03
PHYID2
1
0
1
1
1
0
Model No.
Version No.
04
Auto-Neg.
Advertise
Next
Page
FLP Rcv
Ack
Remote
Fault
Reserved
FC
Adv
T4
Adv
TX FDX
Adv
TX HDX
Adv
10 FDX
Adv
10 HDX
Adv
Advertised Protocol Selector Field
05
Link Part.
Ability
LP Next
Page
LP
Ack
LP
RF
Reserved
LP
FC
LP
T4
LP
TX FDX
LP
TX HDX
LP
10 FDX
LP
10 HDX
Link Partner Protocol Selector Field
06
Auto-Neg.
Expansion
Reserved
Pardet
Fault
LP Next
Pg Able
Next Pg
Able
New Pg
Rcv
LP AutoN
Cap.
16
Aux.
Config.
BP
4B5B
BP
SCR
BP
ALIGN
BP_A
DPOK
Repeat
mode
TX
Select
Rsvd
RMII
Enable
Force
100LNK
SPDLE
D_CTL
COLLE
D_CTL
RPDCT
R-EN
Reset
St. Mch
Pream.
Supr.
Sleep
mode
Remote
LoopOut
17
Aux.
Conf/Stat
100
FDX
100
HDX
10
FDX
10
HDX
Reserved
PHY ADDR [4:0]
Auto-N. Monitor Bit [3:0]
18
10T
Conf/Stat
Rsvd
LP
Enable
HBE
Enable
SQUE
Enable
JAB
Enable
10T
Serial
Reserved
Polarity
Reverse
21
MDINTR
INTR
PEND
Rsvd
Rsvd
Rsvd
FDX
Mask
SPD
Mask
Link
Mask
INTR
Mask
Rsvd
Rsvd
Rsvd
FDX
Change
SPD
Change
Link
Change
Rsvd
INTR
Status
22
Rcv Error
Counter
Receive Error Counter
23
Disconnect
Counter
Reserved
Disconnect Counter
24
Rstlh
Stat
00
LH_
ISO
LH_
CSTS
LH_
RMII
LH_
SCRAM
LH_
REP
LH_
T5TMOD
LH_OP [2:0]
LH_PHYAD [4:0}
Key to Default
In the register description that follows, the default
column takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
(PIN#)
Value latched in from pin # at reset
<Access Type>:
RO = Read only
RW = Read/Write
<Attribute (s)>:
SC = Self clearing
P = Value permanently set
LL = Latching low
LH = Latching high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com