Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161E Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # DM9161E
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161E Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button DM9161E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9161E Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
26
Final
Version: DM9161-DS-F02
May 10,2002
8.6 Auto-negotiation Link Partner Ability Register (ANLPAR) – 05
This register contains the advertised abilities of the link partner when received during Auto-negotiation.
Bit
Bit Name
Default
Description
5.15
NP
0, RO
Next Page Indication
0 = Link partner, no next page available
1 = Link partner, next page available
5.14
ACK
0, RO
Acknowledge
1 = Link partner ability data reception acknowledged
0 = Not acknowledged
The DM9161's auto-negotiation state machine will automatically
control this bit from the incoming FLP bursts. Software should not
attempt to write to this bit
5.13
RF
0, RO
Remote Fault
1 = Remote fault indicated by link partner
0 = No remote fault indicated by link partner
5.12-5.11
Reserved
0, RO
Reserved
Read as 0, ignore on write
5.10
FCS
0, RO
Flow Control Support
1 = Controller chip supports flow control ability by link partner
0 = Controller chip doesn’t support flow control ability by link partner
5.9
T4
0, RO
100BASE-T4 Support
1 = 100BASE-T4 is supported by the link partner
0 = 100BASE-T4 is not supported by the link partner
5.8
TX_FDX
0, RO
100BASE-TX Full Duplex Support
1 = 100BASE-TX full duplex is supported by the link partner
0 = 100BASE-TX full duplex is not supported by the link partner
5.7
TX_HDX
0, RO
100BASE-TX Support
1 = 100BASE-TX half duplex is supported by the link partner
0 = 100BASE-TX half duplex is not supported by the link partner
5.6
10_FDX
0, RO
10BASE-T Full Duplex Support
1 = 10BASE-T full duplex is supported by the link partner
0 = 10BASE-T full duplex is not supported by the link partner
5.5
10_HDX
0, RO
10BASE-T Support
1 = 10BASE-T half duplex is supported by the link partner
0 = 10BASE-T half duplex is not supported by the link partner
5.4-5.0
Selector
<00000>, RO Protocol Selection Bits
Link partner’s binary encoded protocol selector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com