Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7528LS Datasheet(PDF) 7 Page - Exar Corporation

Part # MP7528LS
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528LS Datasheet(HTML) 7 Page - Exar Corporation

Back Button MP7528LS Datasheet HTML 3Page - Exar Corporation MP7528LS Datasheet HTML 4Page - Exar Corporation MP7528LS Datasheet HTML 5Page - Exar Corporation MP7528LS Datasheet HTML 6Page - Exar Corporation MP7528LS Datasheet HTML 7Page - Exar Corporation MP7528LS Datasheet HTML 8Page - Exar Corporation MP7528LS Datasheet HTML 9Page - Exar Corporation MP7528LS Datasheet HTML 10Page - Exar Corporation MP7528LS Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP7528
7
Rev. 2.00
ELECTRICAL CHARACTERISTICS (CONT’D)
25
°C
Tmin to Tmax
NOTES:
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
ANALOG OUTPUTS2
Output Capacitance
COUTA
120
120
pF
DAC Inputs all 1’s
COUTA
50
50
pF
DAC Inputs all 0’s
COUTB
120
120
pF
DAC Inputs all 1’s
COUTB
50
50
pF
DAC Inputs all 0’s
POWER SUPPLY5
Functional Voltage Range2
VDD
4.5
15.75
4.5
15.75
V
Supply Current
IDD
2
2
mA
All digital inputs = 0 V or all = 5 V
2
2
mA
All digital inputs = VIL or all = VIH
SWITCHING
CHARACTERISTICS
Chip Select to Write Set-Up Time
tCS
60
80
ns
Chip Select to Write Hold Time
tCH
10
15
ns
DAC Select to Write Set-Up Time
tAS
60
80
ns
DAC Select to Write Hold Time
tAH
10
15
ns
Data Valid to Write Set-Up Time
tDS
30
40
ns
Data Valid to Write Hold Time
tDH
00
ns
Write Pulse Width
tWR
60
80
ns
Specifications are subject to change without notice
1
Full Scale Range (FSR) is 10V for unipolar mode.
2
Guaranteed but not production tested.
3
Digital input levels should not go below ground or exceed the positive supply voltage, otherwise damage may occur.
4
See timing diagram.
5
Specified values guarantee functionality. Refer to other parameters for accuracy.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C unless otherwise noted)1, 2, 3
VDD to GND
+17 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AGND to DGND
+1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Functionality Guaranteed +0.5 V)
Digital Input Voltage to DGND
–0.5 V, +17 V
. . . . . . . . . . . . .
VPIN2, VPIN20 to GND
–0.5 V, +17 V
. . . . . . . . . . . . . . . . . . . .
VREFA, VREFB to GND
+25
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VRFBA, VRFBB to GND
+25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 10 secs.)
+300
°C
. . . . . . . . .
Package Power Dissipation Rating to 75
°C
CDIP, PDIP, SOIC, PLCC
900mW
. . . . . . . . . . . . . . . . . .
Derates above 75
°C
12mW/
°C
. . . . . . . . . . . . . . . . . . . . .
NOTES:
1
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation at or above this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode clamps
(HP5082-2835) from input pin to the supplies.
3
GND refers to AGND and DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com