Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7528LS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7528LS
Description  CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7528LS Datasheet(HTML) 1 Page - Exar Corporation

  MP7528LS Datasheet HTML 1Page - Exar Corporation MP7528LS Datasheet HTML 2Page - Exar Corporation MP7528LS Datasheet HTML 3Page - Exar Corporation MP7528LS Datasheet HTML 4Page - Exar Corporation MP7528LS Datasheet HTML 5Page - Exar Corporation MP7528LS Datasheet HTML 6Page - Exar Corporation MP7528LS Datasheet HTML 7Page - Exar Corporation MP7528LS Datasheet HTML 8Page - Exar Corporation MP7528LS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP7528
1
Rev. 2.00
FEATURES
• On-Chip Latches for Both DACs
• +5 V to +15 V Operation
• DACs Matched to 1%
• Four Quadrant Multiplication
• 15 V CMOS Compatible
• See MP7529A or MP7529B for Improved Performance
CMOS
Dual Buffered Multiplying 8-Bit
Digital-to-Analog Converter
APPLICATIONS
• Microprocessor Controlled Gain Circuits
• Microprocessor Controlled Attenuator Circuits
• Microprocessor Controlled Function Generation
• Precision AGC Circuits
• Bus Structured Instruments
GENERAL DESCRIPTION
The MP7528 is a dual 8-bit digital/analog converter designed
using EXAR’s proven decoded DAC architecture. It features ex-
cellent DAC-to-DAC matching and guaranteed monotonicity.
Separate on-chip latches are provided for each DAC to allow
easy microprocessor interface.
Data is transferred into either of the two DAC data latches via
a common 8-bit TTL/CMOS compatible input port. Control input
DACA/DACB determines which DAC is to be loaded.
The
MP7528’s load cycle is similar to the write cycle of a random ac-
cess memory and the device is bus compatible with most 8-bit
microprocessors.
The device operates from a +5V to +15V power supply with
only 2 mA of current (maximum).
Both DACs offer excellent four quadrant multiplication char-
acteristics with a separate reference input and feedback resistor
for each DAC.
SIMPLIFIED BLOCK AND TIMING DIAGRAM
DGND
LATCH A
LATCH B
DAC A
DAC B
D
E
Q
D
E
Q
DB7-DB0
OUT
DB7-DB0
AGND
VDD
VREFA
RFBA
IOUTA
RFBB
IOUTB
VREFB
DACA/DACB
CS
WR
DACA/DACB
CS
WR


Similar Part No. - MP7528LS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7523 EXAR-MP7523 Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JN EXAR-MP7523JN Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523JS EXAR-MP7523JS Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KN EXAR-MP7523KN Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
MP7523KS EXAR-MP7523KS Datasheet
102Kb / 12P
15 V CMOS Multiplying 8-Bit Digital-to-Analog Converter
More results

Similar Description - MP7528LS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
8-Bit Multiplying Digital-to-Analog Converter
logo
Exar Corporation
MP7529B EXAR-MP7529B Datasheet
114Kb / 12P
5 V CMOS Dual Buffered Multiplying 8-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7528 BURR-BROWN-DAC7528 Datasheet
76Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP75L24 EXAR-MP75L24 Datasheet
507Kb / 8P
LOW VOLTAGE CMOS BUFFERED MULTIPLYING 8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
8-Bit Multiplying Digital to Analog Converter
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com