Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSC200
Description  Enclosure Management Controller Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSC200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSC200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSC200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
physical interfaces. Multiple SCSI controllers can be
supported by a single SSC200 with the addition of
external DMA control signal routing logic.
For lower cost applications, a simple SCSI bus
transceiver device utilizing the 28 available general-
purpose I/O signals may replace the external SCSI
controller.
Architecture
System Level Integration (SLI) techniques were
used to create a complete system on a chip. The
SSC200 integrates a RISC embedded processor
and
additional
DMA,
memory
and
controller
functionality.
The SSC200 includes three, I
2C serial interface bus
master controllers. These controllers may be used
to interface to off-the-shelf instrumentation and
control devices commonly used in environmental
monitoring and management applications such as
Vitesse's SSC050/055 Backplane Controller.
The SSC200 requires off chip memory for firmware
code storage.
Most applications will use flash
memory devices for non-volatile storage.
Static
RAM
may
be
added
for
higher
performance
applications.
The SSC200 has four external chip
selects each with a one-megabyte address range.
Two RS-232 serial ports provide assist firmware
debug. One port is dedicated to in circuit emulation
for the embedded processor.
The second port
implements a XMODEM connection for additional
debug
and
firmware
download.
Firmware
downloads are also supported via ESI and SCSI
buses.
Software
The software designed to execute on the SSC200
determines
the
characteristics
of
the
overall
enclosure management solution.
Most enclosure
management applications will be unique to a
customer's
individual
product.
The
SSC200
firmware architecture uses a Personality Module with
captures the unique functionality required by a
particular application. Vitesse provides a Software
Development Kit (SDK) to customers to assist their
development of their Personality Module.
The SDK includes software to implement an ESI and
a parallel SCSI transport for a SAF-TE or SES
diagnostic environment. In addition, the SDK also
includes a System Services module with provides
APIs to the peripheral functionality (interrupts, timers
etc.) in the SSC200.
The
SSC200
shares
a
similar
hardware
and
firmware architecture as Vitesse’s SSC100 for
dedicated port FC-AL SES.
This allows system
designers
to
leverage
enclosure
management
strategies
and
implementations
across
parallel
SCSI, ESI and dedicated port FC-AL storage
solutions.
For More Information:
www.vitesse.com
email: prodinfo@vitesse.com
TEL: 1-800-VITESSE
FAX: 805/987-5896
Vitesse Semiconductor Corporation reserves the right to make
changes in its products, specifications or other information at any
time without prior notice. Therefore the reader is cautioned to
confirm that this datasheet is current prior to placing any orders.
The
company
assumes
no
responsibility
for
any
circuitry
described other than circuitry entirely embodied in a Vitesse
product.
(Version 1.0)
© 2000 Vitesse Semiconductor Corporation, All Rights Reserved.
Transport
Diagnostic Interface
Personality Module
System Services
SDK Firmware Block Diagram
32 Bit
Timer
Enclosure
Services
Interface
General
Purpose
I/O
DMA
Interface
Serial
ICE
1024x32
SRAM
Memory
Interface
General
Purpose
UART
Enclosure
Services
Interface
Interface
RISC
Engine
Interface
SSC200 Block Diagram
I2C
I2C
I2C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com