Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSC200
Description  Enclosure Management Controller Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSC200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSC200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSC200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSC200
Enclosure Management
Controller
Product Brief
Overview
The SSC200 is an enclosure management controller
for peripheral storage applications.
This device
supports
several
in-band
and
out
of
band
management
strategies.
The
SSC200
can
implement in band SES and SAF-TE enclosure
management on parallel SCSI and Fibre Channel.
Out of band solutions are possible using IPMI or
customer unique approaches.
JBOD and RAID subsystem developers are provided
a common hardware and software platform, which
supports all common subsystem diagnostic and
enclosure management strategies.
The SSC200
may be used as the master controller of an I
2C serial
interface
communicating
with
scalable
slave
backplane
controllers
such
as
Vitesse’s
VSC055/050 and other industry standard devices.
SFF-8067 Applications
The SSC200 integrates two SFF-8067 ESI ports and
supporting
logic.
Internal
DMA
allows
fully
automated high-speed data transfers.
No external
logic is required for AL_PA selection.
Automated
discovery phase guarantees compliance with the
SFF-8067 specification.
Flexible implementation
allows communication with devices, which may not
be compliant with the specification.
Device Features
• Two ESI Ports with DMA
• Manage up to Four Parallel SCSI Bus
Controllers
• Three I2C Serial Interface Controllers
• 32-bit, 40Mhz RISC CPU w/debug port
• RS-232 Monitor Port
• IPMI 1.0 Compatible
• Four External 1MB Address Ranges
• External Flash and/or SRAM (60ns to 350ns)
• Internal 4KB SRAM
• Up to 28 Programmable General Purpose I/Os
• 100 PQFP Package
Software Development Kit Features
• Modular architecture to support migration to
other I/O technologies and protocols
• Extensive peripheral device library
• Sample Personality Module source code
SCSI Applications
The
SSC200
supports
two
mechanisms
for
dedicated port enclosure management across a
parallel SCSI bus.
An external SCSI controller can
be connected to the SSC200’s DMA interface to
provide a high performance, two-device SES or
SAF-TE solution.
No external components are
required with this approach; the SSC200 integrates
both the DMA buffers and control logic.
This
architecture provides system designers with a
common platform for various SCSI bus speeds and
text
Power
Supplies
Fans
LEDs
PBCs
SSC200
Enclosure
Controller
FLASH
40Mhz
Clock
LM75
SSC050
Backplane
Controller
Q-Logic
FAS368M
(up to 4)
SSC050
Backplane
Controller
Parallel SCSI SAF-TE or SES Application
Ultra2
SCSI
text
Power
Supplies
Fans
LEDs
PBCs
SSC200
Enclosure
Controller
FLASH
40Mhz
Clock
LM75
SSC050
Backplane
Controller
ESI
Disk
Drive
ESI
Disk
Drive
SSC050
Backplane
Controller
FC-AL SFF-8067 SES Application
FC-AL


Similar Part No. - SSC200

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC2000 SANKEN-SSC2000 Datasheet
85Kb / 2P
Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
SSC2005SC SANKEN-SSC2005SC Datasheet
489Kb / 19P
Critical Conduction Mode PFC Control IC
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
More results

Similar Description - SSC200

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
IPMI Baseboard Management Controller Product Brief
VSC205 VITESSE-VSC205 Datasheet
25Kb / 2P
LVD SCSI Enclosure Management Controller Product Brief
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
Digital Signal Controller Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
logo
Vitesse Semiconductor C...
SSC050 VITESSE-SSC050 Datasheet
41Kb / 2P
I2C Backplane Controller Product Brief
logo
Alpha & Omega Semicondu...
AOZ97774QE AOSMD-AOZ97774QE Datasheet
665Kb / 8P
Dual Digital Multiphase Controller Product Brief
Rev. 1.0 May 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com