Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK105BJ105ME-R Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK105BJ105ME-R
Description  High Value Multilayer Ceramic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK105BJ105ME-R Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  AMK105BJ105ME-R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK105BJ105ME-R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
16SC04
RoHS compliance product
○AMK105BJ105ME
4V 1005 X5R 1uF +/- 20% t=0.2mmMAX
4V 0402 X5R 1uF +/- 20% t=0.008inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
AMK105BJ105ME
Ca pa cita nce Freq.
-100
-80
-60
-40
-20
0
20
0
1
2
3
4
DC Bia s Volta ge[V]
AMK105BJ105ME
DC Bia s Cha r.
0.001
0.01
0.1
1
10
100
1000
10000
100000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
AMK105BJ105ME
Impeda nce,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
Tempera ture[degreeC]
AMK105BJ105ME
Ca pa cita nce Temp.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com