Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK105BJ105ME-R Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK105BJ105ME-R
Description  High Value Multilayer Ceramic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK105BJ105ME-R Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  AMK105BJ105ME-R Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK105BJ105ME-R Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Value Multilayer Ceramic Capacitors (High dielectric type)
AMK105BJ105ME-R
Features
Item Summary
1uF±20%, 4V,
X5R, 0402/1005 (EIA/JIS)
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping Embossed 15000pcs
Products characteristics table
Capacitance
1 uF ± 20 %
Case Size (EIA/JIS)
0402/1005
Rated Voltage
4 V
tanδ (max)
10 %
Temperature Characteristic (EIA)
X5R
Operating Temp. Range (EIA)
-55 to +85 ℃
High Temperature Loading
150 %
(% Rated Voltage)
Insulation Resistance (min)
100 MΩ·μF
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
1.0 ±0.05 mm
Dimension W
0.5 ±0.05 mm
Dimension T
0.18 ±0.02 mm
Dimension e
0.25 ±0.10 mm
2016.11.30
1 / 1


Similar Part No. - AMK105BJ105ME-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AMK105BJ105ME TAIYO-YUDEN-AMK105BJ105ME Datasheet
424Kb / 3P
Multilayer Ceramic Capacitors (High dielectric type) for General Purpose
More results

Similar Description - AMK105BJ105ME-R

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK212BJ225KG-T TAIYO-YUDEN-TMK212BJ225KG-T Datasheet
350Kb / 2P
HIGH VALUE MULTILAYER CERAMIC CAPACITORS
JMK063BJ223MP-F TAIYO-YUDEN-JMK063BJ223MP-F Datasheet
288Kb / 2P
High Value Multilayer Ceramic Capacitors
AMK316BBJ157ML-T TAIYO-YUDEN-AMK316BBJ157ML-T Datasheet
265Kb / 2P
High Value Multilayer Ceramic Capacitors
LMK316BJ106ML-T TAIYO-YUDEN-LMK316BJ106ML-T Datasheet
312Kb / 2P
High Value Multilayer Ceramic Capacitors
AMK021BJ223MK-W TAIYO-YUDEN-AMK021BJ223MK-W Datasheet
289Kb / 2P
High Value Multilayer Ceramic Capacitors
GMK212BBJ475KD-T TAIYO-YUDEN-GMK212BBJ475KD-T Datasheet
334Kb / 2P
High Value Multilayer Ceramic Capacitors
AMK325ABJ227MM-P TAIYO-YUDEN-AMK325ABJ227MM-P Datasheet
334Kb / 2P
High Value Multilayer Ceramic Capacitors
AMK325AC6157MM-P TAIYO-YUDEN-AMK325AC6157MM-P Datasheet
334Kb / 2P
High Value Multilayer Ceramic Capacitors
AMK432BJ477MM-T TAIYO-YUDEN-AMK432BJ477MM-T Datasheet
334Kb / 2P
High Value Multilayer Ceramic Capacitors
EMK021BJ102KK-W TAIYO-YUDEN-EMK021BJ102KK-W Datasheet
290Kb / 2P
High Value Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com