Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72734 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 131Page - STMicroelectronics ST72734 Datasheet HTML 132Page - STMicroelectronics ST72734 Datasheet HTML 133Page - STMicroelectronics ST72734 Datasheet HTML 134Page - STMicroelectronics ST72734 Datasheet HTML 135Page - STMicroelectronics ST72734 Datasheet HTML 136Page - STMicroelectronics ST72734 Datasheet HTML 137Page - STMicroelectronics ST72734 Datasheet HTML 138Page - STMicroelectronics ST72734 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 144 page
background image
ST72774/ST727754/ST72734
135/144
AC/DC ELECTRICAL CHARACTERISTICS (Cont’d)
Note: Note: All voltages are referred to VSS unless otherwise specified.
STANDARD I/O PORT PINS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output Low Level Voltage
Port A[7,2:0], Port B[7:4],
Port C[7:0], Port D[6:0]
Push Pull
IOL = -1.6mA VDD=5V
-
-
0.4
V
VOL
Output Low Level Voltage Port A[6:3]
Open Drain
IOL = -1.6mA VDD=5V
-
-
0.4
V
VOL
Output Low Level Voltage
Port A and Port C
IOL = -10mA VDD=5V
-
-
1.5
V
VOL
Output Low Level Voltage Port B[3:0]
Open Drain
IOL = -3mA VDD=5V
-
-
0.4
V
VOH
Output High Level Voltage
Port A[7, 2:0], Port B[7:4],
Port C [7:0], Port D [6:0]
Push Pull
IOH = 1.6mA
VDD-0.8
-
-
V
VIH
Input High Level Voltage Port A [7:0],
Port B [7:0], Port C [7:0], Port D[6:0],
RESET
Leading Edge
0.7xVDD
VDD
V
VIH
HSYNC,VSYNCI, CSYNCI, HFBACK,
VFBACK
VDD= 5V
2.0
V
VIL
HSYNC,VSYNCI, CSYNCI, HFBACK,
VFBACK
VDD= 5V
0.8
V
VIL
Input Low Voltage Port A [7:0],
Port B[7:0], Port C[7:0], Port D [6:0],
RESET
Trailing Edge
VSS
0.3xVDD
V
IIL
I/O Ports Hi-Z Leakage Current
Port A [7:0], Port B[7:0], Port C[7:0],
Port D [6:0], RESET
10
µA
COUT
CIN
Capacitance: Ports (as Input or
Output), RESET
12
8
pF
pF
IRPU
Pull-up resistor current
VDD=5V VIN=VSS T=25°C
280
µA
POWER ON/OFF Electrical Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VTRH
Power ON/OFF Reset Trigger
VDD rising edge
VDD Variation 50mV/mS
3.35
3.65
3.9
V
VTRL
Power ON/OFF Reset Trigger
VDD falling edge
VDD Variation 50mV/mS
3.1
3.4
3.7
V
VTRM
VDD minimum for Power ON/OFF Reset
active
VDD Variation 50mV/mS
2.0
2.2
V
VTRHyst
Power ON/OFF LVD Hysteresis
VDD Variation 50mV/mS
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com