Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72734 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 132Page - STMicroelectronics ST72734 Datasheet HTML 133Page - STMicroelectronics ST72734 Datasheet HTML 134Page - STMicroelectronics ST72734 Datasheet HTML 135Page - STMicroelectronics ST72734 Datasheet HTML 136Page - STMicroelectronics ST72734 Datasheet HTML 137Page - STMicroelectronics ST72734 Datasheet HTML 138Page - STMicroelectronics ST72734 Datasheet HTML 139Page - STMicroelectronics ST72734 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 144 page
background image
ST72774/ST727754/ST72734
136/144
AC/DC ELECTRICAL CHARACTERISTICS (Cont’d)
8-bit A/D Converter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
Analog control frequency
VDD=5V
2
MHz
|TUE|
Total unadjusted error
fCPU=8MHz, fADC=2MHz
VDD=5V
2
LSB
OE
Offset error
-1
1
GE
Gain error
-1
1
|DLE|
Differential linearity error
0.5
|ILE|
Integral linearity error
0.5
VAIN
Conversion range voltage
VSS
VDD
V
IADC
A/D conversion supply current
fCPU=8MHz, fADC=2MHz
VDD=5V
1mA
tSTAB
Stabilization time after enable ADC
1
µs
tLOAD
Sample capacitor loading time
1
4
µs
1/fADC
tCONV
Conversion time
2
8
µs
1/fADC
RAIN
External input resistor
15
k
RADC
Internal input resistor
1.5
k
CSAMPLE
Sample capacitor
6
pF
PWM/BRM Electrical and Timings
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F
Repetition rate
TCPU =125ns
125
kHz
Res
Resolution
TCPU=125ns
125
ns
s
Output step
VDD=5V, 10 bits
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com