Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72734 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST72734
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72734 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST72734 Datasheet HTML 136Page - STMicroelectronics ST72734 Datasheet HTML 137Page - STMicroelectronics ST72734 Datasheet HTML 138Page - STMicroelectronics ST72734 Datasheet HTML 139Page - STMicroelectronics ST72734 Datasheet HTML 140Page - STMicroelectronics ST72734 Datasheet HTML 141Page - STMicroelectronics ST72734 Datasheet HTML 142Page - STMicroelectronics ST72734 Datasheet HTML 143Page - STMicroelectronics ST72734 Datasheet HTML 144Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 143 / 144 page
background image
ST72774/ST727754/ST72734
143/144
STMicroelectronics OPTION LIST
ST727x4 MICROCONTROLLER FAMILY
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No: . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . .
*The ROM code name assigned by ST.
STMicroelectronics reference:
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _"
For marking, one line is possible with maximum 16 characters for SDIP42 and 10 characters for
TQFP44.
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Mask Options:
None.
We have checked the ROM code verification file returned to us by STMicroelectronics. It conforms exactly
with the ROM code file orginally supplied. We therefore authorize STMicroelectronics to proceed with
device manufacture.
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Device (SDIP42):
[ ]
ST72774J9B1 (60K ROM)
[ ]
ST72774J7B1 (48K ROM)
[ ]
ST72754J9B1 (60K ROM)
[ ]
ST72754J7B1 (48K ROM)
[ ]
ST72734J6B1 (32K ROM)
Device (TQFP44):
[ ]
ST72774S9T1 (60K ROM)
[ ]
ST72774S7T1 (48K ROM)
[ ]
ST72754S9T1 (60K ROM)
[ ]
ST72754S7T1 (48K ROM)
Device (CSDIP42):
[ ]
ST72E774J9D0 (60K EPROM)
[ ]
ST72E754J9D0 (60K EPROM)
[ ]
ST72E734J6D0 (32K EPROM)
Software Development:
[ ]
STMicroelectronics
[ ]
Customer
[ ]
External laboratory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com