Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS9841 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS9841
Description  High Efficiency TRIAC dimmable LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9841 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS9841 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9841 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WS9841 Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
B1 1222
Features
TRIAC dimmable
Internal 300V Power MOSFET
Critical Conduction Mode Operation
Ultra Low Operating Current
±
5% LED Output Current Accuracy
LED Open Protection
LED Short Protection
Current Sensing Resistor Short Protection
VCC Under Voltage Protection
Thermal Regulation Function
Available in SOP-8 Package
Typical Appliction
LED Candle Light
LED Bulb
Other LED Lighting
Description
The WS9841 is a high efficiency TRIAC dimmable LED
driver. The device operates in critical conduction mode and is
suitable for buck, buck-boost or fly-back LED lighting.
The WS9841 integrates a 300V power MOSFET. It
utilizes patent pending MOSFET driving technique and
current sensing method. The operating current of the IC is
very low. With very few external components count, it can
achieve excellent constant current performance, so the
system cost and size are greatly reduced.
The WS9841 offers rich protection functions to improve
the system reliability, including LED open circuit protection,
LED short circuit protection, VCC under voltage protection,
CS resistor short circuit protection and thermal regulation
function.
The WS9841 is available in a SOP-8 Package.
Typical Application Circuit
WS9841 High Efficiency TRIAC dimmable LED
Driver


Similar Part No. - WS9841

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9841 WINSEMI-WS9841 Datasheet
627Kb / 8P
High Efficiency TRIAC dimmable LED
WS9841S8P WINSEMI-WS9841S8P Datasheet
627Kb / 8P
High Efficiency TRIAC dimmable LED
More results

Similar Description - WS9841

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS9841 WINSEMI-WS9841 Datasheet
627Kb / 8P
High Efficiency TRIAC dimmable LED
logo
Bright Power Semiconduc...
BP3212 BPS-BP3212 Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3216 BPS-BP3216 Datasheet
236Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3218 BPS-BP3218 Datasheet
234Kb / 2P
High Efficiency TRIAC dimmable LED Driver
BP3236C BPS-BP3236C Datasheet
237Kb / 2P
High Efficiency TRIAC dimmable LED Driver
logo
Maxic Technology Corpor...
MT7626 MAXIC-MT7626 Datasheet
80Kb / 1P
High Efficiency, TRIAC Dimmable Linear Constant Current LED Driver
logo
Diodes Incorporated
AL1698K DIODES-AL1698K Datasheet
764Kb / 14P
HIGH EFFICIENCY DIMMABLE LED KD RIVER
Rev. 1 - 2 August 2022
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com