Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT2155 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # THAT2155
Description  IC Voltage-Controlled Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT2155 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button THAT2155 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 9Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications
Input
As mentioned above, input and output signals are
currents, not voltages. While this often causes some
conceptual difficulty for designers first exposed to this
convention, the current input/output mode provides
great flexibility in application.
The input pin (pin 1) is a virtual ground with nega-
tive feedback provided internally (see Figure 6, Page 4).
The input resistor (shown as 20 k
Ω in Figure 3, Page 3)
should be scaled to convert the available ac input volt-
age to a current within the linear range of the device.
(Peak input currents should be kept under 1 mA for
best distortion performance.) An additional consider-
ation is stability: the internal op amp is intended for
operation with source impedances of less than 30 k
Ω
at high frequencies. For most audio applications, this
will present no problem.
The choice of input resistor has an additional, sub-
tle effect on distortion. Since the feedback impedances
around the internal opamp (essentially Q1/D1 and
Q3/D3) are fixed, low values for the input resistor will
require more closed-loop gain from the opamp. Since
the open-loop gain naturally falls off at high frequen-
cies, asking for too much gain will lead to increased
high-frequency distortion. For best results, this resis-
tor should be kept to 10 k
Ω or above. Distortion vs. fre-
quency for a 1 V signal at 0 dB gain with a 20 k
Ω input
resistor is plotted in Figure 13.
The quiescent dc voltage level at the input is ap-
proximately +10 mV. As mentioned above, any dc input
currents will cause dc signals in the output which will
be modulated by gain, causing audible thump. There-
Figure 10. 1kHz THD+Noise Vs. Input, -15 dB Gain
Figure 11. 1kHz THD+Noise Vs. Level, 0 dB Gain
Figure 12. 1kHz THD+Noise Vs. Input, +15 dB Gain
Figure 13. THD Vs. Frequency, 0 dB Gain
THAT Corporation; 734 Forest Street; Marlborough, Massachusetts 01752; USA
Tel: (508) 229-2500; Fax: (508) 229-2590; Web: http://www.thatcorp.com
Rev. 10/25/96
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com