Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THAT2155 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # THAT2155
Description  IC Voltage-Controlled Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT2155 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  THAT2155 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT2155 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPECIFICATIONS1
Absolute-Maximum Ratings (TA = 25˚C)
Positive Supply Voltage (VCC)
+18 V
Negative Supply Voltage (VEE)
-18 V
Supply Current (ICC)10 mA
Power Dissipation (PD) (TA = 75˚C)
330 mW
Operating Temperature Range (TOP)
-20 to +75˚C
Storage Temperature Range (TST)
-40 to +125˚C
Recommended Operating Conditions
2151
2150A
2155
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Positive Supply Voltage
V
CC
+5
+12
+15
+5
+12
+15
+5
+12
+15
V
Negative Supply Voltage
V
EE
-5
-12
-15
-5
-12
-15
-5
-12
-15
V
Bias Current
I
SET
V
CC
-V
EE
= 24 V
—
2.4
4
—
2.4
4
—
2.4
4
mA
Signal Current
I
IN
+I
OUT
I
SET
= 2.4 mA
—
175
750
—
175
750
—
125
550
µArms
Electrical Characteristics
2
2151
2150A
2155
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Supply Current
I
CC
No Signal
—
2.4
4
—
2.4
4
—
2.4
4
mA
Equiv. Input Bias Current
I
B
No Signal
—
5
8
—
5
8
—
5
8
nA
Input Offset Voltage
V
OFF(IN)
No Signal
—
+10
—
—
+10
—
—
+10
—
mV
Output Offset Voltage
V
OFF(OUT)
R
out
=20 k
Ω
0 dB gain
—
1
3
—
1
3
—
1
3
mV
+15 dB gain
—
2
3
—
2
3
—
2
3
mV
+40 dB gain
—
5
15
—
7
15
—
10
15
mV
Gain Cell Idling Current
I
IDLE
—20
—
—20
—
—20
—
µA
Gain-Control Constant
T
A
=25˚C (T
CHIP
≅35˚C)
-60 dB < gain < +40 dB
E
C+
/Gain (dB)
Pins 2 & 4 (Fig. 14)
6.0
6.1
6.2
6.0
6.1
6.2
6.0
6.1
6.2
mV/dB
E
C-
/Gain (dB)
Pin 3
-6.0
-6.1
-6.2
-6.0
-6.1
-6.2
-6.0
-6.1
-6.2
mV/dB
Gain-control TempCo
∆ E
C
/
∆ T
CHIP
Ref T
CHIP
= 27˚C
—
+0.33
—
—
+0.33
—
—
+0.33
—
%/˚C
Gain-Control Linearity
-60 to +40 dB gain
—
0.5
2
—
0.5
2
—
0.5
2
%
Off Isolation (Fig. 14)
E
C+
=-360mV, E
C-
=+360mV
110
115
—
110
115
110
115
—
dB
Output Noise
e
n(OUT)
20 Hz-20 kHz
R
out
= 20k
Ω
0 dB gain
—
-98
-97
—
-98
-96
—
-98
-96
dBV
+15 dB gain
—
-88
-86
—
-88
-86
—
-88
-86
dBV
1. All specifications subject to change without notice.
2. Unless otherwise noted, TA=25˚C, VCC = +15V, VEE= -15V. Test circuit is as shown in Figure 3. SYMADJ is ad-
justed for minimum THD @ Vin=1 V, 1 kHz, 0 dB gain.
THAT Corporation; 734 Forest Street; Marlborough, Massachusetts 01752; USA
Tel: (508) 229-2500; Fax: (508) 229-2590; Web: http://www.thatcorp.com
Page 2
2150 Series IC VCAs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com