Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP0610K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TP0610K
Description  P-Channel 60-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610K Datasheet(HTML) 2 Page - Vishay Siliconix

  TP0610K Datasheet HTML 1Page - Vishay Siliconix TP0610K Datasheet HTML 2Page - Vishay Siliconix TP0610K Datasheet HTML 3Page - Vishay Siliconix TP0610K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP0610K
Vishay Siliconix
New Product
www.vishay.com
11-2
Document Number: 71411
S-04279—Rev. C, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –10 µA
–60
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 µA
–1
–3.0
V
VDS = 0 V, VGS = "20 V
"10
mA
VDS = 0 V, VGS = "10 V
"200
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "10 V, TJ = 85_C
"500
VDS = 0 V, VGS = "5 V
"100
nA
VDS = –50 V, VGS = 0 V
–25
Zero Gate Voltage Drain Current
IDSS
VDS = –50 V, VGS = 0 V, TJ = 85_C
–250
VDS = –10 V, VGS = –4.5 V
–50
On-State Drain Currenta
ID(on)
VDS = –10 V, VGS = –10 V
–600
mA
VGS = –4.5 V, ID = –25 mA
10
Drain-Source On-Resistancea
rDS(on)
VGS = –10 V, ID = –500 mA
6
W
DS(on)
VGS = –10 V, ID = –500 mA, TJ = 125_C
9
Forward Transconductancea
gfs
VDS = –10 V, ID = –100 mA
80
mS
Diode Forward Voltagea
VSD
IS = –200 mA, VGS = 0 V
–1.4
V
Dynamic
Total Gate Charge
Qg
1.7
Gate-Source Charge
Qgs
VDS = –30 V, VGS = –15 V, ID ^ –500 mA
0.26
nC
Gate-Drain Charge
Qgd
DS
GS
D
0.46
Input Capacitance
Ciss
23
Output Capacitance
Coss
VDS = –25 V, VGS = 0 V, f = 1 MHz
10
pF
Reverse Transfer Capacitance
Crss
DS
GS
5
Switchingb
Turn-On Time
tON
VDD = –25 V, RL = 150 W
^
20
Turn-Off Time
tOFF
ID ^ –200 mA, VGEN = –10 V
RG = 10 W
35
ns
Notes
a.
Pulse test: PW
v300 ms duty cycle v2%.
TPJO60
b.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com