Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP0610K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TP0610K
Description  P-Channel 60-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610K Datasheet(HTML) 4 Page - Vishay Siliconix

  TP0610K Datasheet HTML 1Page - Vishay Siliconix TP0610K Datasheet HTML 2Page - Vishay Siliconix TP0610K Datasheet HTML 3Page - Vishay Siliconix TP0610K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP0610K
Vishay Siliconix
New Product
www.vishay.com
11-4
Document Number: 71411
S-04279—Rev. C, 16-Jul-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
02468
10
On-Resistance vs. Gate-Source Voltage
VGS – Gate-to-Source Voltage (V)
ID = 500 mA
ID = 200 mA
1.2
1.5
1
100
1000
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 125_C
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
10
TJ = –55_C
VGS = 0 V
Threshold Voltage Variance Over Temperature
–0.3
–0.2
–0.1
–0.0
0.1
0.2
0.3
0.4
0.5
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
TJ – Junction Temperature (_C)
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 350_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.01
0
1
2.5
3
100
600
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
1.5
2
0.5
1
10
TA = 25_C
For the following graphs, p-channel negative polarities for all voltage and current values are represented as positive values.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com