Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73831-2ACI/MC Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73831-2ACI/MC
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/MC Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73831-2ACI/MC Datasheet HTML 13Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 14Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 15Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 16Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 17Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 18Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 19Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 20Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 17
MCP73831/2
6.0
APPLICATIONS
The MCP73831/2 are designed to operate in
conjunction with a host microcontroller or in a stand-
alone application. The MCP73831/2 provide the
preferred charge algorithm for Lithium-Ion and Lithium-
Polymer cells. The algorithm uses a constant current
followed by a constant voltage charging method.
Figure 6-1 depicts a typical stand-alone application
circuit, while Figure 6-2 and Figure 6-3 depict the
accompanying charge profile.
FIGURE 6-1:
Typical Application Circuit.
FIGURE 6-2:
Typical Charge Profile
(180 mAh Battery).
FIGURE 6-3:
Typical Charge Profile in
Thermal Regulation (1000 mAh Battery).
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant-Current mode.
In this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Current Programming Resistor
(RPROG)
The preferred fast charge current for Lithium-Ion cells
is at the 1C rate, with an absolute maximum current at
the 2C rate. For example, a 500 mAh battery pack has
a preferred fast charge current of 500 mA. Charging at
this rate provides the shortest charge cycle times
without degradation to the battery pack performance or
life.
STAT
VDD
VSS
PROG
VBAT
+
-
Single
Li-Ion
Cell
4
MCP73831
5
3
1
CIN
Li-Ion Battery Charger
2
RPROG
RLED
COUT
REGULATED
WALL CUBE
LED
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (minutes)
0
20
40
60
80
100
120
MCP73831-2AC/IOT
VDD = 5.2V
RPROG = 10 kΩ
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (minutes)
0
100
200
300
400
500
600
MCP73831-2AC/IOT
VDD = 5.2V
RPROG = 2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com