Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73831-2ACI/MC Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP73831-2ACI/MC
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/MC Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP73831-2ACI/MC Datasheet HTML 14Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 15Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 16Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 17Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 18Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 19Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 20Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 21Page - Microchip Technology MCP73831-2ACI/MC Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MCP73831/2
DS20001984G-page 18
 2005-2014 Microchip Technology Inc.
6.1.1.2
Input Overvoltage Protection (IOVP)
Input overvoltage protection must be used when the
input power source is hot-pluggable. This includes USB
cables and Wall-type power supplies. The cabling of
these supplies acts as an inductor. When the supplies
are connected/disconnected from the system, large
voltage transients are created which may damage the
system circuitry. These transients should be snubbed
out. A transzorb connected from the V+ input supply
connector to the 0V ground reference will snub the
transients.
6.1.1.3
Thermal Considerations
The worst-case power dissipation in the battery
charger occurs when the input voltage is at the
maximum and the device has transitioned from the
Preconditioning mode to the Constant-Current mode.
In this case, the power dissipation is:
Power dissipation with a 5V, ±10% input voltage source
is:
This power dissipation with the battery charger in the
SOT-23-5 package will cause thermal regulation to be
entered as depicted in Figure 6-3. Alternatively, the
2mm x 3mm DFN package could be utilized to reduce
charge cycle times.
6.1.1.4
External Capacitors
The MCP73831/2 are stable with or without a battery
load. In order to maintain good AC stability in the
Constant-Voltage mode, a minimum capacitance of
4.7 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no battery load. In addition, the battery and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant-Voltage mode. Therefore, the bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
Virtually any good quality output filter capacitor can be
used, independent of the capacitor’s minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 4.7 µF ceramic,
tantalum or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability for output
currents up to a 500 mA.
6.1.1.5
Reverse-Blocking Protection
The MCP73831/2 provide protection from a faulted or
shorted input. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
6.1.1.6
Charge Inhibit
The current regulation set input pin (PROG) can be
used to terminate a charge at any time during the
charge cycle, as well as to initiate a charge cycle or
initiate a recharge cycle.
Placing a programming resistor from the PROG input to
VSS enables the device. Allowing the PROG input to
float or by applying a logic-high input signal, disables
the device and terminates a charge cycle. When
disabled, the device’s supply current is reduced to
25 µA, typically.
6.1.1.7
Charge Status Interface
A status output provides information on the state of
charge. The output can be used to illuminate external
LEDs or interface to a host microcontroller. Refer to
Table 5-1 for a summary of the state of the status
output during a charge cycle.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VBAT and VSS pins.
This is recommended to minimize voltage drops along
the high current-carrying PCB traces.
If the PCB layout is used as a heat sink, adding many
vias in the heat sink pad can help conduct more heat to
the PCB backplane, thus reducing the maximum
junction temperature. Figure 6-4 and Figure 6-5 depict
a typical layout with PCB heatsinking.
FIGURE 6-4:
Typical Layout (Top).
FIGURE 6-5:
Typical Layout (Bottom).
Powe rDissipation
V
DDMAX
V
PTHMIN
–
 I
REGMAX
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
Po werDissipation
5.5 V
2.7V
–
 550mA
1.54W
==
COUT
LED
RPROG
CIN
MCP73831
RLED
VBAT
VDD
VSS
VBAT
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com